Electronic Components Datasheet Search
  English  ▼

X  

LPC5410X Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 68Page - NXP Semiconductors LPC5410X Datasheet HTML 69Page - NXP Semiconductors LPC5410X Datasheet HTML 70Page - NXP Semiconductors LPC5410X Datasheet HTML 71Page - NXP Semiconductors LPC5410X Datasheet HTML 72Page - NXP Semiconductors LPC5410X Datasheet HTML 73Page - NXP Semiconductors LPC5410X Datasheet HTML 74Page - NXP Semiconductors LPC5410X Datasheet HTML 75Page - NXP Semiconductors LPC5410X Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
72 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
Table 32.
ADC sampling times[1]
-40
C  Tamb  85 C; 1.62 V  VDDA  3.6 V; 1.62 V  VDD  3.6 V
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ADC inputs ADC_5 to ADC_0 (fast channels); ADC resolution = 12 bit
ts
sampling time
Zo < 0.05 kΩ
[3]
20
-
-
ns
0.05 kΩ
 Zo < 0.1 kΩ
23
-
-
ns
0.1 kΩ
 Zo < 0.2 kΩ
26
-
-
ns
0.2 kΩ
 Zo < 0.5 kΩ
31
-
-
ns
0.5 kΩ
 Zo < 1 kΩ
47
-
-
ns
1 kΩ
 Zo < 5 kΩ
75
-
-
ns
ADC inputs ADC_5 to ADC_0 (fast channels); ADC resolution = 10 bit
ts
sampling time
Zo < 0.05 kΩ
[3]
15
-
-
ns
0.05 kΩ
 Zo < 0.1 kΩ
18
-
-
ns
0.1 kΩ
 Zo < 0.2 kΩ
20
-
-
ns
0.2 kΩ
 Zo < 0.5 kΩ
24
-
-
ns
0.5 kΩ
 Zo < 1 kΩ
38
-
-
ns
1 kΩ
 Zo < 5 kΩ
62
-
-
ns
ADC inputs ADC_5 to ADC_0 (fast channels); ADC resolution = 8 bit
ts
sampling time
Zo < 0.05 kΩ
[3]
12
-
-
ns
0.05 kΩ
 Zo < 0.1 kΩ
13
-
-
ns
0.1 kΩ
 Zo < 0.2 kΩ
15
-
-
ns
0.2 kΩ
 Zo < 0.5 kΩ
19
-
-
ns
0.5 kΩ
 Zo < 1 kΩ
30
-
-
ns
1 kΩ
 Zo < 5 kΩ
48
-
-
ns
ADC inputs ADC_5 to ADC_0 (fast channels); ADC resolution = 6 bit
ts
sampling time
Zo < 0.05 kΩ
[3]
9-
-
ns
0.05 kΩ
 Zo < 0.1 kΩ
10
-
-
ns
0.1 kΩ
 Zo < 0.2 kΩ
11
-
-
ns
0.2 kΩ
 Zo < 0.5 kΩ
13
-
-
ns
0.5 kΩ
 Zo < 1 kΩ
22
-
-
ns
1 kΩ
 Zo < 5 kΩ
36
-
-
ns
ADC inputs ADC_11 to ADC_6 (slow channels); ADC resolution = 12 bit
ts
sampling time
Zo < 0.05 kΩ
[3]
43
-
-
ns
0.05 kΩ
 Zo < 0.1 kΩ
46
-
-
ns
0.1 kΩ
 Zo < 0.2 kΩ
50
-
-
ns
0.2 kΩ
 Zo < 0.5 kΩ
56
-
-
ns
0.5 kΩ
 Zo < 1 kΩ
74
-
-
ns
1 kΩ
 Zo < 5 kΩ
105
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com