Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM76005
Description  LM76005-Q1 3.5-V to 60-V, 5-A AutomotiveSynchronous Step-Down Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76005 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 7Page - Texas Instruments LM76005 Datasheet HTML 8Page - Texas Instruments LM76005 Datasheet HTML 9Page - Texas Instruments LM76005 Datasheet HTML 10Page - Texas Instruments LM76005 Datasheet HTML 11Page - Texas Instruments LM76005 Datasheet HTML 12Page - Texas Instruments LM76005 Datasheet HTML 13Page - Texas Instruments LM76005 Datasheet HTML 14Page - Texas Instruments LM76005 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
VSW
VIN
D = tON/ TSW
tON
tOFF
TSW
t
-VD
0
iL
IOUT
t
0
ILPK
ûiL
11
LM76005-Q1
www.ti.com
SNVSBK6 – FEBRUARY 2020
Product Folder Links: LM76005-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Fixed-Frequency, Peak-Current-Mode Control
The following operation description of the LM76005-Q1 refers to the Functional Block Diagram and to the
waveforms in Figure 6. The LM76005-Q1 supplies a regulated output voltage by turning on the internal high-side
(HS) and low0side (LS) NMOS switches with varying duty cycle (D). During high-side switch on-time, tON, the SW
pin voltage VSW swings up to approximately VIN, and the inductor current, iL, increases with linear slope. The HS
switch is off by the control logic. During the HS switch off-time, tOFF, the LS switch is turned on. Inductor current
discharges through the LS switch, which forces the VSW to swing below ground by the voltage drop across the
LS switch. The regulator loop adjusts the duty cycle to maintain a constant output voltage. The control parameter
of a buck converter is defined as duty cycle D = tON / TSW. In an ideal buck converter, where losses are ignored,
D is proportional to the output voltage and inversely proportional to the input voltage: D = VOUT / VIN.
Figure 6. SW Node and Inductor Current Waveforms in
Continuous Conduction Mode
The LM76005-Q1 synchronous buck converter employs peak current-mode control topology. A voltage-feedback
loop is used to get accurate DC-voltage regulation by adjusting the peak current command based on voltage
offset. The peak inductor current is sensed from the HS switch and compared to the peak current to control the
on-time of the HS switch. The voltage feedback loop is internally compensated, which allows command for fewer
external components, makes it easy to design, and provides stable operation with almost any combination of
output capacitors. The regulator operates with fixed switching frequency in continuous conduction mode (CCM)
and discontinuous conduction mode (DCM). At very light load, the LM76005-Q1 operates in PFM to maintain
high efficiency, and the switching frequency decreases with reduced load current.
7.3.2 Light Load Operation Modes — PFM and FPWM
DCM operation is employed in the LM76005-Q1 when the inductor current valley reaches zero. The LM76005-Q1
is in DCM when load current is less than half of the peak-to-peak inductor current ripple in CCM. In DCM, the LS
switch is turned off when the inductor current reaches zero. Switching loss is reduced by turning off the LS FET
at zero current, and the conduction loss is lowered by not allowing negative current conduction. Power
conversion efficiency is higher in DCM than CCM under the same conditions.
In DCM, the HS switch on-time reduces with lower load current. When either the minimum HS switch on-time
(tON-MIN) or the minimum peak inductor current (IPEAK-MIN) is reached, the switching frequency decreases to
maintain regulation. At this point, the LM76005-Q1 operates in PFM. In PFM, switching frequency is decreased
by the control loop when load current reduces to maintain output voltage regulation. Switching loss is further
reduced in PFM operation due to less frequent switching actions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com