Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM76005
Description  LM76005-Q1 3.5-V to 60-V, 5-A AutomotiveSynchronous Step-Down Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76005 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 8Page - Texas Instruments LM76005 Datasheet HTML 9Page - Texas Instruments LM76005 Datasheet HTML 10Page - Texas Instruments LM76005 Datasheet HTML 11Page - Texas Instruments LM76005 Datasheet HTML 12Page - Texas Instruments LM76005 Datasheet HTML 13Page - Texas Instruments LM76005 Datasheet HTML 14Page - Texas Instruments LM76005 Datasheet HTML 15Page - Texas Instruments LM76005 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
ON _ MAX
OUT _ MAX
IN_MIN
OUT
DS _ ON _ HS
ON _ MAX
OFF _ MIN
t
V
V
I
R
DCR
t
t
u
u
FB
FBB
FBT
OUT
FB
V
R
R
V
V
VOUT
FB
RFBT
RFBB
12
LM76005-Q1
SNVSBK6 – FEBRUARY 2020
www.ti.com
Product Folder Links: LM76005-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
In PFM operation, a small positive DC offset is required at the output voltage to activate the PFM detector. The
lower the frequency is in PFM, the more DC offset is needed at VOUT. See the Typical Characteristics for typical
DC offset at very light load. If the DC offset on VOUT is not acceptable for a given application, TI recommends a
static load at output to reduce or eliminate the offset. Lowering values of the feedback divider RFBT and RFBB can
also serve as a static load. In conditions with low VIN and high frequency, the LM76005-Q1 may not enter PFM
mode if the output voltage cannot be charged up to provide the trigger to activate the PFM detector. Once the
LM76005-Q1 is operating in PFM mode at higher VIN, it remains in PFM operation when VIN is reduced.
Alternatively, the device can run in a forced pulse-width-modulation (FPWM) mode where the switching
frequency does not lower with load, and no offset is added to affect the VOUT accuracy unless the minimum on-
time of the converter is reached.
7.3.3 Adjustable Output Voltage
The voltage regulation loop in the LM76005-Q1 regulates the FB voltage to be the same as the internal reference
voltage. The output voltage of the LM76005-Q1 is set by a resistor divider to program the ratio from VOUT to VFB.
The resistor divider is connected from the output node to ground with the mid-point connecting to the FB pin.
Figure 7. Output Voltage Setting
The voltage reference system produces a precise ±1% voltage reference over temperature. TI recommends
using divider resistors with 1% tolerance or better with temperature coefficient of 100 ppm or lower. Selection of
RFBT equal or lower than 100 kΩ is also recommended. RFBB can be calculated by Equation 1:
(1)
Larger RFBT and RFBB values reduce the current that goes through the divider, helping to increase light load
efficiency. However, larger values also make the feedback path more susceptible to noise. If efficiency at very
light load is not critical in a certain application, TI recommends RFBT = 10 kΩ to 100 kΩ. If the resistor divider is
not connected properly, output voltage cannot be regulated because the feedback loop is broken. If the FB pin is
shorted to ground or disconnected, the output voltage is driven close to VIN because the regulator detects very
low voltage on the FB node. The load connected to VOUT can be damaged in this case. It is important to route the
feedback trace away from the noisy area of the PCB. For more layout recommendations, see the Layout section.
The minimum output voltage achievable equals VFB, with RFBB open. The maximum VOUT is limited by the
maximum duty cycle at a given frequency:
DMAX = 1 – (tOFF_MIN / TSW)
where
•
tOFF_MIN is the minimum off-time of the HS switch
•
TSW = 1 / fSW is the switching period
(2)
Ideally, without frequency foldback, VOUT_MAX = VIN_MIN × DMAX
Maximum output voltage with frequency foldback can be estimated using Equation 3:
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com