Electronic Components Datasheet Search
  English  ▼

X  

R1000WT Datasheet(PDF) 88 Page - Intel Corporation

Part # R1000WT
Description  Technical Product Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R1000WT Datasheet(HTML) 88 Page - Intel Corporation

Back Button R1000WT Datasheet HTML 84Page - Intel Corporation R1000WT Datasheet HTML 85Page - Intel Corporation R1000WT Datasheet HTML 86Page - Intel Corporation R1000WT Datasheet HTML 87Page - Intel Corporation R1000WT Datasheet HTML 88Page - Intel Corporation R1000WT Datasheet HTML 89Page - Intel Corporation R1000WT Datasheet HTML 90Page - Intel Corporation R1000WT Datasheet HTML 91Page - Intel Corporation R1000WT Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 126 page
background image
Intel® R1000WT Server System TPS
78
November 2016
9. PCIe* Riser Card Support
The system includes two riser card slots on the server board. Available riser cards can be used in either slot.
This section will provide an overview of each available riser card and describe the server board features and
architecture supporting them.
The server board provides three riser card slots identified as: Riser Slot #1, Riser Slot #2, and Riser Slot #3. In
a 1U system, only Riser Slot #1 and Riser Slot #2 can be used. Riser Slot #3 is for 2U system use only.
Note: The riser card slots are specifically designed to support riser cards only. Attempting to install a
PCIe* add-in card directly into a riser card slot on the server board may damage the server board, the add-in
card, or both.
The PCIe* bus interface for each riser card slot is supported by each of the two installed processors. The
following tables provide the PCIe* bus routing for all supported risers cards.
Note: Riser Slot #2 can only be used in dual processor configurations.
Table 34. Riser Slot #1 – Riser Card Options
1U – 1-Slot Riser Card
PCIe* Slot
CPU #1 – Port 3A
(x16 elec, x16 mech)
Table 35. Riser Slot #2 – Riser Card Options
1U – 1-Slot Riser Card
PCIe* Slot
CPU #2 – Port 2A
(x16 elec, x16 mech)
The system supports two single slot PCIe* x16 (x16 lanes, x16 slot) riser cards. Each riser card is mounted to
a bracket assembly which is inserted into a riser card slot on the server board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com