Electronic Components Datasheet Search
  English  ▼

X  

R1000WT Datasheet(PDF) 13 Page - Intel Corporation

Part # R1000WT
Description  Technical Product Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R1000WT Datasheet(HTML) 13 Page - Intel Corporation

Back Button R1000WT Datasheet HTML 9Page - Intel Corporation R1000WT Datasheet HTML 10Page - Intel Corporation R1000WT Datasheet HTML 11Page - Intel Corporation R1000WT Datasheet HTML 12Page - Intel Corporation R1000WT Datasheet HTML 13Page - Intel Corporation R1000WT Datasheet HTML 14Page - Intel Corporation R1000WT Datasheet HTML 15Page - Intel Corporation R1000WT Datasheet HTML 16Page - Intel Corporation R1000WT Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
Intel® R1000WT Server System TPS
November 2016
3
2. Product Family Overview
This generation of Intel 1U server platforms offers a variety of system options to meet the varied
configuration requirements of high-density high-performance computing environments. The Intel® Server
System R1000WT product family includes several available 1U rack mount server systems. Each building
block option or L6 integrated system within this product family is configured around the following Intel
server board: Intel® Server Board S2600WT.
This chapter provides a high-level overview of the system features and available options as supported in
different system models within this product family. Greater detail for each major sub-system, feature, or
option is provided in the following chapters.
Note: Product information specific to the Intel® Storage System R1000WT family can be found in Appendix G
of this document.
Table 1. Intel® Server System R1000WT Product Family Feature Set
Feature
Description
Chassis Type
1U Rack Mount Chassis
Server Board
Intel® Server Board S2600WT w/Dual 1GbE ports – (Intel product code - S2600WT2R)
Intel® Server Board S2600WT w/Dual 10GbE ports – (Intel product code - S2600WTTR)
Processor Support
Two LGA2011-3 (Socket R3) processor sockets
Support for one or two Intel® Xeon® processors E5-2600 v3 and v4 product family
Maximum supported Thermal Design Power (TDP) of up to 145 W.
Memory
24 DIMM slots – 3 DIMMs/Channel – 4 memory channels per processor
Registered DDR4 (RDIMM), Load Reduced DDR4 (LRDIMM)
Memory data transfer rates:
o
DDR4 RDIMM: 1600 MT/s (3DPC), 1866 MT/s (2DPC), 2133 MT/s (2DPC) and 2400 MT/s
(1DPC)
o
DDR4 LRDIMM: 1866 Mt/s (3DPC), 2400 MT/s (2DPC)
o
DDR4 LRDIMM3DS: 1866 Mt/s (3DPC), 2400 MT/s (2DPC)
o
NVDIMM: 2133 Mt/s (1DPC)
DDR4 standard I/O voltage of 1.2V
Chipset
Intel® C612 chipset
External I/O
connections
DB-15 Video connectors
o
Front and Back
RJ-45 Serial Port A connector
Dual RJ-45 Network Interface connectors supporting either :
o
10 GbE RJ-45 connectors (Intel Server Board Product Code – S2600WTTR)
or
o
1 GbE RJ-45 connectors (Intel Server Board Product Code – S2600WT2R)
Dedicated RJ-45 server management NIC
Three USB 2.0 / 3.0 connectors on back panel
Two USB 2.0 / 3.0 connectors on front panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com