Electronic Components Datasheet Search
  English  ▼

X  

R1000WT Datasheet(PDF) 39 Page - Intel Corporation

Part # R1000WT
Description  Technical Product Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R1000WT Datasheet(HTML) 39 Page - Intel Corporation

Back Button R1000WT Datasheet HTML 35Page - Intel Corporation R1000WT Datasheet HTML 36Page - Intel Corporation R1000WT Datasheet HTML 37Page - Intel Corporation R1000WT Datasheet HTML 38Page - Intel Corporation R1000WT Datasheet HTML 39Page - Intel Corporation R1000WT Datasheet HTML 40Page - Intel Corporation R1000WT Datasheet HTML 41Page - Intel Corporation R1000WT Datasheet HTML 42Page - Intel Corporation R1000WT Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Intel® R1000WT Server System TPS
November 2016
29
oscillate on and off due to temperature recovering condition. The OTP trip level shall have a minimum of 4°C
of ambient temperature margin.
3.3.16
Power Supply Status LED
There is a single bi-color LED to indicate power supply status. The LED operation is defined in the following
table.
Table 16. LED Indicators
Power Supply Condition
LED State
Output ON and OK
GREEN
No AC power to all power supplies
OFF
AC present / Only 12VSB on (PS off) or PS in Cold
redundant state
1Hz Blink GREEN
AC cord unplugged or AC power lost; with a second
power supply in parallel still with AC input power.
AMBER
Power supply warning events where the power supply
continues to operate; high temp, high power, high
current, slow fan.
1Hz Blink Amber
Power supply critical event causing a shutdown; failure,
OCP, OVP, Fan Fail
AMBER
Power supply FW updating
2Hz Blink GREEN
3.4 DC Power Supply Input Specifications
The following sections provide the DC Input Specifications for systems configured with DC power supply
modules.
NOTE: Product Safety Regulations pertaining to the use of DC power supplies require that chassis grounding
studs be used for all DC power supply configurations. In the event that chassis grounding studs are not
available on a given server chassis, systems must be configured with two DC power supplies, with each
connected to separate ground wires while the system is operational.
3.4.1
DC Input Voltage
The power supply must operate within all specified limits over the following input voltage range.
Table 17. DC Input Rating
PARAMETER
MIN
RATED
MAX
DC Voltage
-40.5 VDC
-48VDC/-60VDC
-75VDC
Input Current
24A
12.5A
3.4.2
DC Input Fuse
The power supply shall have the -48VDC input fused. The fusing shall be acceptable for all safety agency
requirements. DC inrush current shall not cause the fuse to blow under any conditions. No protection circuits
in the power supply shall cause the DC fuse to blow unless a component in the power supply has failed. This
includes DC output load short conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com