Electronic Components Datasheet Search
  English  ▼

X  

R1000WT Datasheet(PDF) 97 Page - Intel Corporation

Part # R1000WT
Description  Technical Product Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R1000WT Datasheet(HTML) 97 Page - Intel Corporation

Back Button R1000WT Datasheet HTML 93Page - Intel Corporation R1000WT Datasheet HTML 94Page - Intel Corporation R1000WT Datasheet HTML 95Page - Intel Corporation R1000WT Datasheet HTML 96Page - Intel Corporation R1000WT Datasheet HTML 97Page - Intel Corporation R1000WT Datasheet HTML 98Page - Intel Corporation R1000WT Datasheet HTML 99Page - Intel Corporation R1000WT Datasheet HTML 100Page - Intel Corporation R1000WT Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
Intel® R1000WT Server System TPS
November 2016
87
Media redirection supports redirection for both a virtual CD device and a virtual Floppy/USB device
concurrently. The CD device may be either a local CD drive or else an ISO image file; the Floppy/USB
device may be a local Floppy drive, a local USB device, or a disk image file.
The media redirection feature supports multiple encryption algorithms, including RC4 and AES. The
actual algorithm that is used is negotiated with the client based on the client’s capabilities.
A remote media session is maintained even when the server is powered-off (in standby mode). No
restart of the remote media session is required during a server reset or power on/off. An BMC reset
(for example, due to an BMC reset after BMC FW update) will require the session to be re-established
The mounted device is visible to (and useable by) managed system’s OS and BIOS in both pre-boot
and post-boot states.
The mounted device shows up in the BIOS boot order and it is possible to change the BIOS boot
order to boot from this remote device.
It is possible to install an operating system on a bare metal server (no OS present) using the remotely
mounted device. This may also require the use of KVM-r to configure the OS during install.
USB storage devices will appear as floppy disks over media redirection. This allows for the installation of
device drivers during OS installation.
If either a virtual IDE or virtual floppy device is remotely attached during system boot, both the virtual IDE
and virtual floppy are presented as bootable devices. It is not possible to present only a single-mounted
device type to the system BIOS.
11.1.3.8.1
Availability
The default inactivity timeout is 30 minutes and is not user-configurable. Media redirection sessions persist
across system reset but not across an AC power loss or BMC reset.
11.1.3.8.2
Network Port Usage
The KVM and media redirection features use the following ports:
5120 – CD Redirection
5123 – FD Redirection
5124 – CD Redirection (Secure)
5127 – FD Redirection (Secure)
7578 – Video Redirection
7582 – Video Redirection (Secure)
For additional information, reference the Intel® Remote Management Module 4 and Integrated BMC Web
Console Users Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com