Electronic Components Datasheet Search
  English  ▼

X  

R1000WT Datasheet(PDF) 2 Page - Intel Corporation

Part # R1000WT
Description  Technical Product Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R1000WT Datasheet(HTML) 2 Page - Intel Corporation

  R1000WT Datasheet HTML 1Page - Intel Corporation R1000WT Datasheet HTML 2Page - Intel Corporation R1000WT Datasheet HTML 3Page - Intel Corporation R1000WT Datasheet HTML 4Page - Intel Corporation R1000WT Datasheet HTML 5Page - Intel Corporation R1000WT Datasheet HTML 6Page - Intel Corporation R1000WT Datasheet HTML 7Page - Intel Corporation R1000WT Datasheet HTML 8Page - Intel Corporation R1000WT Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
Intel® R1000WT Server System TPS
ii
November 2016
Revision History
Date
Revision
Number
Modifications
September 2014
1.0
First External Public Release
November 2014
1.01
•
Added packaging specs and system weight data
•
Added DIMM Slot population requirements to maintain system
thermals in Section 4.1
•
Added section 5.2 System Fan RVI and Hard Disk Drive Storage
Performance
•
Updated PCIe* SFF SSD (NVMe) feature support
•
Added support for dual RMFBU accessory kit
•
Updated System Status LED State Definition table
•
Added missing cable routing diagram in Appendix E
•
Updated Thermal Config Table data
December 2014
1.02
•
Updated Section 4.1 – Add-in card support requirements
•
Updated PCIe* SFF SSD (NVMe) feature support
•
Added Appendix F – Statement of Volatility
May 2015
1.03
•
Update document Legal Disclaimer statements
•
Chapter 2 – added OS Support list and defined OS validation test levels
and technical support levels
•
Section 2.12.1 - Updated product weight information
•
Section 5.6.5 - Updated 8 x 2.5” Drive Combo SAS / PCIe* SFF (NVMe)
SSD Backplane Accessory Kit
March 2016
1.04
•
Updated to include “R” in product SKU names.
•
Updated Rail kits.
•
Updated to include Intel® Storage Server R1000WT family
November 2016
1.06
•
Appendix F – Added the SOV for 750W power supply module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com