Electronic Components Datasheet Search
  English  ▼

X  

D400 Datasheet(PDF) 8 Page - Intel Corporation

Part # D400
Description  Intel RealSense Depth Camera D400-Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D400 Datasheet(HTML) 8 Page - Intel Corporation

Back Button D400 Datasheet HTML 4Page - Intel Corporation D400 Datasheet HTML 5Page - Intel Corporation D400 Datasheet HTML 6Page - Intel Corporation D400 Datasheet HTML 7Page - Intel Corporation D400 Datasheet HTML 8Page - Intel Corporation D400 Datasheet HTML 9Page - Intel Corporation D400 Datasheet HTML 10Page - Intel Corporation D400 Datasheet HTML 11Page - Intel Corporation D400 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Introduction
8
Datasheet
2
Introduction
2.1
Disclaimer
The current version of document is a guide to give an understanding of product details
of Intel® RealSense™ Camera Depth Camera D415/D435. Specifications detail are
subject to change until revision 0.9. Post revision 0.9 will be to address bugs and
issues. Please contact your Intel representative to be notified of changes to this
document and future revision releases.
2.2
Purpose and Scope of this Document
This document captures the specifications for the Intel® RealSense™ Depth Camera
D415/D435. This document provides a project team with the information necessary to
understand and to use Intel® RealSense™ Depth Camera D415/D435.
2.3
Terminology
Term
Description
Stereo Camera
Baseline
The distance between the center of the left and right imagers in a stereo
camera
Depth
Depth video streams are like color video streams except each pixel has a
value representing the distance away from the camera instead of color
information
FOV
Field Of View (FOV) describes the angular extent of a given scene that is
imaged by a camera. A camera's FOV can be measured horizontally,
vertically, or diagonally
Vision
Processor
Intel® RealSense™ Vision Processor D4
The Intel RealSense Vision Processor D4 is a purpose-built ASIC for
computing real time depth and accelerating computer vision, at significantly
faster speeds and fraction of the power compared to host based compute.
Depth Module
Intel® RealSense™ Depth Module
The Depth Module incorporates the left and right imagers with the IR
projector and RGB color sensor
Host System
Computer or SOC connected to Intel® RealSense™ Depth camera
IR Projector
This refers to the source of infrared (IR) light used for illuminating a scene,
object, or person to collect depth data.
Imagers
RealSense Depth camera system uses a pair of camera sensors referred as
imagers to calculate depth. They are identical cameras configured with
identical settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com