Electronic Components Datasheet Search
  English  ▼

X  

D400 Datasheet(PDF) 10 Page - Intel Corporation

Part # D400
Description  Intel RealSense Depth Camera D400-Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D400 Datasheet(HTML) 10 Page - Intel Corporation

Back Button D400 Datasheet HTML 6Page - Intel Corporation D400 Datasheet HTML 7Page - Intel Corporation D400 Datasheet HTML 8Page - Intel Corporation D400 Datasheet HTML 9Page - Intel Corporation D400 Datasheet HTML 10Page - Intel Corporation D400 Datasheet HTML 11Page - Intel Corporation D400 Datasheet HTML 12Page - Intel Corporation D400 Datasheet HTML 13Page - Intel Corporation D400 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Introduction
10
Datasheet
Component
Subcomponent
Intel® RealSenseTM
Depth Camera D415
Intel® RealSenseTM
Depth Camera D435
Intel®
RealSense™
Depth Module
Wide Stereo Imagers
X
√
Standard Infrared
Projector
√
X
Wide Infrared
Projector
X
√
RGB color sensor
√
√
Table 2-2. Intel® RealSense™ Depth Camera D415 Mechanical Dimensions
Dimension
Min
Nominal
Max
Unit
Width
99
mm
Height
23
mm
Depth
20
mm
Mass
72
gr
Table 2-3. Intel® RealSense™ Depth Camera D435 Mechanical Dimensions
Dimension
Min
Nominal
Max
Unit
Width
90
mm
Height
25
mm
Depth
25
mm
Mass
72
gr
Figure 2-1. Intel® RealSenseTM Depth Camera D415
Not Final Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com