Electronic Components Datasheet Search
  English  ▼

X  

D400 Datasheet(PDF) 22 Page - Intel Corporation

Part # D400
Description  Intel RealSense Depth Camera D400-Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D400 Datasheet(HTML) 22 Page - Intel Corporation

Back Button D400 Datasheet HTML 18Page - Intel Corporation D400 Datasheet HTML 19Page - Intel Corporation D400 Datasheet HTML 20Page - Intel Corporation D400 Datasheet HTML 21Page - Intel Corporation D400 Datasheet HTML 22Page - Intel Corporation D400 Datasheet HTML 23Page - Intel Corporation D400 Datasheet HTML 24Page - Intel Corporation D400 Datasheet HTML 25Page - Intel Corporation D400 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Functional Specification
22
Datasheet
Format
Resolution
Frame Rate
Comment
RY8_LY8 [16 bits]
1280x800
30,15
Dynamic Calibration for D435
NOTE: Depth/RGB are mapped as separated interfaces. The two interfaces work independently
from each other (Virtual channel in MIPI and End Point in USB).
3.2
Depth Camera Functions
Intel® RealSense™ Depth Camera D400 series exposes the following Depth image
settings.
Table 3-2. Depth Camera Controls
Control
Description
Min
Max
Default
Manual Exposure(1) (ms)
Control sensor exposure period (D415)
1
166
10
Manual Exposure(1) (ms)
Control sensor exposure period (D435)
1
166
2
Manual gain(1)
(Gain 1.0 = 16)
Control sensor digital gain.
16
248
16
Laser Power (on/off)
(On = 1)
Power to IR Projector
0
1
1
Manual Laser Power (mW) Laser Power setting (30mW steps)
0
360
240
Auto Exposure Mode
(Enable = 1)
Auto Exposure Mode. When Auto
Exposure is enabled, Exposure and
Gain are set based on the environment
condition
0
1
1
Auto Exposure ROI
Perform Auto Exposure on a selected
ROI
T-0
L-0
B-1
R-1
T-719
L-1279
B-720
R-1280
T-0
L-0
B-1
R-1
Preset
Set Controls parameters based on
Camera Usage
NOTES:
1.
(1)
Not supported in Auto Exposure Mode
2.
T - Top, L – Left, B - Bottom, R – Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com