Electronic Components Datasheet Search
  English  ▼

X  

RT1050 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # RT1050
Description  Crossover processors data sheet for industrial products
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT1050 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button RT1050 Datasheet HTML 38Page - NXP Semiconductors RT1050 Datasheet HTML 39Page - NXP Semiconductors RT1050 Datasheet HTML 40Page - NXP Semiconductors RT1050 Datasheet HTML 41Page - NXP Semiconductors RT1050 Datasheet HTML 42Page - NXP Semiconductors RT1050 Datasheet HTML 43Page - NXP Semiconductors RT1050 Datasheet HTML 44Page - NXP Semiconductors RT1050 Datasheet HTML 45Page - NXP Semiconductors RT1050 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 1.4, 01/2020
42
NXP Semiconductors
Electrical characteristics
Figure 15 shows the output timing in ASYNC mode.
Figure 15. SEMC output timing in ASYNC mode
4.5.1.1.2
SEMC output timing in SYNC mode
Table 33 shows SEMC output timing in SYNC mode.
2 ADV# low time is configurable by SEMC_*CR0.AS. AS field setting value is 0x0 in above table. When AS is set with value N,
TADL min time should be ((N + 1) x TCK - 1). See the i.MX RT1050 Reference Manual (IMXRT1050RM) for more detail about
SEMC_*CR0.AS register field.
3 Data output hold time is configurable by SEMC_*CR0.WEH. WEH field setting value is 0x0 in above table. When WEH is set
with value N, TDHO min time should be ((N + 1) x TCK). See the i.MX RT1050 Reference Manual (IMXRT1050RM) for more
detail about SEMC_*CR0.WEH register field.
4 WE# low time is configurable by SEMC_*CR0.WEL. WEL field setting value is 0x0 in above table. When WEL is set with value
N, TWEL min time should be ((N + 1) x TCK - 1). See the i.MX RT1050 Reference Manual (IMXRT1050RM) for more detail
about SEMC_*CR0.WEL register field.
Table 33. SEMC output timing in SYNC mode
Symbol
Parameter
Min.
Max.
Unit
Comment
Frequency of operation
—
166
MHz
—
TCK
Internal clock period
6
—
ns
—
TDVO
Data output valid time
1
—
ns
These timing parameters apply to
Address/Data/DM/CKE/control
signals with SEMC_CLK for
SDRAM.
TDHO
Data output hold time
-1
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com