Electronic Components Datasheet Search
  English  ▼

X  

RT1050 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # RT1050
Description  Crossover processors data sheet for industrial products
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT1050 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button RT1050 Datasheet HTML 4Page - NXP Semiconductors RT1050 Datasheet HTML 5Page - NXP Semiconductors RT1050 Datasheet HTML 6Page - NXP Semiconductors RT1050 Datasheet HTML 7Page - NXP Semiconductors RT1050 Datasheet HTML 8Page - NXP Semiconductors RT1050 Datasheet HTML 9Page - NXP Semiconductors RT1050 Datasheet HTML 10Page - NXP Semiconductors RT1050 Datasheet HTML 11Page - NXP Semiconductors RT1050 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 1.4, 01/2020
8
NXP Semiconductors
Architectural overview
2
Architectural overview
The following subsections provide an architectural overview of the i.MX RT1050 processor system.
2.1
Block diagram
Figure 2 shows the functional modules in the i.MX RT1050 processor system1.
.
Figure 2. i.MX RT1050 system block diagram
1. Some modules shown in this block diagram are not offered on all derivatives. See Table 1 for details.
Internal Memory
512 KB OCRAM
shared with TCM
96 KB ROM
Multimedia
Connectivity
eMMC 4.5 / SD 3.0 x2
8 x 8 Keypad
External Memory
I2C x4
UART x8
S/PDIF Tx / Rx
GPIO
SPI x4
ADC
System Control
Secure JTAG
PLL / OSC
RTC and Reset
Enhanced DMA
IOMUX
GP Timer x6
CPU Platform
Arm Cortex-M7
32 KB I-cache
32 KB D-cache
FPU
FlexSPI (dual-channel QuadSPI
External Memory Controller
8-bit / 16-bit SDRAM
Parallel NOR FLASH
NAND FLASH
PSRAM
MPU
NVIC
Up to 512 KB TCM
FlexCAN x2
USB 2.0 OTG with PHY x2
10 / 100 ENET
with IEEE 1588 x1
ADC x2 (20-Channel)
ACMP x4
8 / 16 / 24-bit Parallel CSI
24-bit Parallel LCD
Arm Cortex-M7
32 KB I-cache
32 KB D-cache
FPU
MPU
NVIC
Up to 512 KB TCM
PXP
2D Graphics Acceleration
Resize, CSC, Overlay, Rotation
Quadrature ENC x4
QuadTimer
FlexPWM
Watch Dog x4
Power Management
DCDC
LDO
Temp Monitor
Security
Ciphers and RNG
Secure RTC
eFuse
HAB
I2S / SAI x3
(4-Channel) x4
NAND and NOR, Octal Flash, and RAM)
(8-Channel) x4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com