Electronic Components Datasheet Search
  English  ▼

X  

RT1050 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # RT1050
Description  Crossover processors data sheet for industrial products
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT1050 Datasheet(HTML) 1 Page - NXP Semiconductors

  RT1050 Datasheet HTML 1Page - NXP Semiconductors RT1050 Datasheet HTML 2Page - NXP Semiconductors RT1050 Datasheet HTML 3Page - NXP Semiconductors RT1050 Datasheet HTML 4Page - NXP Semiconductors RT1050 Datasheet HTML 5Page - NXP Semiconductors RT1050 Datasheet HTML 6Page - NXP Semiconductors RT1050 Datasheet HTML 7Page - NXP Semiconductors RT1050 Datasheet HTML 8Page - NXP Semiconductors RT1050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMXRT1050IEC
Rev. 1.4, 01/2020
MIMXRT1051CVL5A
MIMXRT1052CVL5A
MIMXRT1051CVL5B
MIMXRT1052CVL5B
MIMXRT1051CVJ5B
MIMXRT1052CVJ5B
Package Information
Plastic Package
196-pin MAPBGA, 10 x 10 mm, 0.65 mm pitch
196-pin MAPBGA, 12 x 12 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 5
NXP reserves the right to change the production detail specifications as may be required
to permit improvements in the design of its products.
1
i.MX RT1050 introduction
The i.MX RT1050 is a new processor family featuring
NXP’s advanced implementation of the Arm
Cortex®-M7 core, which operates at speeds up to 528
MHz to provide high CPU performance and best
real-time response.
The i.MX RT1050 processor has 512 KB on-chip RAM,
which can be flexibly configured as TCM or
general-purpose on-chip RAM. The i.MX RT1050
integrates advanced power management module with
DCDC and LDO that reduces complexity of external
power supply and simplifies power sequencing. The
i.MX RT1050 also provides various memory interfaces,
including SDRAM, RAW NAND FLASH, NOR
FLASH, SD/eMMC, Quad SPI, and a wide range of
other interfaces for connecting peripherals, such as
WLAN, Bluetooth™, GPS, displays, and camera
sensors. The i.MX RT1050 also has rich audio and video
features, including LCD display, basic 2D graphics,
camera interface, SPDIF, and I2S audio interface. The
i.MX RT1050 Crossover
Processors Data Sheet
for Industrial Products
1. i.MX RT1050 introduction . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 5
2. Architectural overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3. Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.1. Special signal considerations . . . . . . . . . . . . . . . 15
3.2. Recommended connections for unused analog
interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
4. Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . 18
4.1. Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . 18
4.2. System power and clocks . . . . . . . . . . . . . . . . . . 25
4.3. I/O parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 30
4.4. System modules . . . . . . . . . . . . . . . . . . . . . . . . . 36
4.5. External memory interface . . . . . . . . . . . . . . . . . 41
4.6. Display and graphics . . . . . . . . . . . . . . . . . . . . . . 51
4.7. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
4.8. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
4.9. Communication interfaces . . . . . . . . . . . . . . . . . . 64
4.10. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
5. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 79
5.1. Boot mode configuration pins . . . . . . . . . . . . . . . 79
5.2. Boot device interface allocation . . . . . . . . . . . . . . 79
6. Package information and contact assignments . . . . . . . 84
6.1. 10 x 10 mm package information . . . . . . . . . . . . 84
6.2. 12 x 12 mm package information . . . . . . . . . . . . 96
7. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108


Similar Part No. - RT1050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT1050 NXP-RT1050 Datasheet
1Mb / 115P
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
More results

Similar Description - RT1050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT1020 NXP-RT1020 Datasheet
2Mb / 97P
Crossover processors for industrial products
Rev. 1, 04/2019
IMXRT1024IEC NXP-IMXRT1024IEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160IEC NXP-IMXRT1160IEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 04/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1170IEC NXP-IMXRT1170IEC Datasheet
2Mb / 130P
i.MX RT1170 Crossover Processors Data Sheet for Industrial Products
Rev. 1, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com