Electronic Components Datasheet Search
  English  ▼

X  

P2041PB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P2041PB
Description  P2041 QorIQ Communications Processor Product Brief
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P2041PB Datasheet(HTML) 2 Page - NXP Semiconductors

  P2041PB Datasheet HTML 1Page - NXP Semiconductors P2041PB Datasheet HTML 2Page - NXP Semiconductors P2041PB Datasheet HTML 3Page - NXP Semiconductors P2041PB Datasheet HTML 4Page - NXP Semiconductors P2041PB Datasheet HTML 5Page - NXP Semiconductors P2041PB Datasheet HTML 6Page - NXP Semiconductors P2041PB Datasheet HTML 7Page - NXP Semiconductors P2041PB Datasheet HTML 8Page - NXP Semiconductors P2041PB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
P2041 QorIQ Communications Processor Product Brief, Rev. 0
P2041 Application Use Cases
Freescale Semiconductor
2
1
P2041 Application Use Cases
1.1
Integrated Access Router (IAD)
Dual SATA ports provide high-speed, low-cost storage options for statistics or large databases. Compared
to SGMII, 2.5-Gbps Ethernet enables the next step in performance connectivity to switches.
Figure 1. P2041 Integrated Access Router Interface
1.2
Base Station Network Interface Card (NIC)
Dual Serial RapidIO (SRIO) ports (up to 5 GHz) can be used for redundancy or multiple connections, both
to the backplane or to the DSP farm. With improved Type 11 messaging and new support for Type 9 data
streaming, the SRIO interconnect can now be used not only as a control plane interface, but can also
achieve its intended potential as a highly efficient data path.
P2041
PCI Switch
GE Switch
Front panel access
Flash code upgrade
Out-of-band control path
Data path
GE
USB
PCIe
PCIe peripherals
2.5 Gbps SGMII,
XAUI,PCIe
24x GE
SATA
GE
PCIe
PCIe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com