| Electronic Components Datasheet Search |
|
P2041PB Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P2041PB Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 31 page ![]() P2041 QorIQ Communications Processor Product Brief, Rev. 0 Freescale Semiconductor 13 • Supports the required signaling for the USB transceiver macrocell interface (UTMI).The PHY interfacing to the UTMI is an internal PHY. • Both controllers support operation as a stand-alone USB host controller — Support USB root hub with one downstream-facing port — Enhanced host controller interface (EHCI)-compatible • One controller supports operation as a stand-alone USB device — Supports one upstream-facing port — Supports six programmable USB endpoints The host and device functions are both configured to support all four USB transfer types: • Bulk • Control • Interrupt • Isochronous 3.10 High-Speed Peripheral Interface Complex All high-speed peripheral interfaces connect via 10 lanes of 5-GHz SerDes to a common crossbar switch referred to as OCeaN. Two high-speed I/O interface standards are supported: PCI Express (PCIe), and Serial RapidIO (sRIO). The P2041 integrates the following: • Three PCIe controllers • Two SRIO controllers • RapidIO message manager (RMan) 3.10.1 PCI Express Controllers Each of the three PCIe interfaces is compliant with the PCI Express Base Specification Revision 2.0. Key features of the PCIe interface include the following: • Power-on reset configuration options allow root complex or endpoint functionality. • The physical layer operates at 2.5 or 5 Gbaud data rate per lane. • Receive and transmit ports operate independently, with an aggregate theoretical bandwidth of 32 Gbps. • x8, x4, x2, and x1 link widths supported • Both 32- and 64-bit addressing and 256-byte maximum payload size • Full 64-bit decode with 36-bit wide windows • Inbound INTx transactions • Message Signaled Interrupt (MSI) transactions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |