Electronic Components Datasheet Search
  English  ▼

X  

P2041PB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P2041PB
Description  P2041 QorIQ Communications Processor Product Brief
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P2041PB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P2041PB Datasheet HTML 4Page - NXP Semiconductors P2041PB Datasheet HTML 5Page - NXP Semiconductors P2041PB Datasheet HTML 6Page - NXP Semiconductors P2041PB Datasheet HTML 7Page - NXP Semiconductors P2041PB Datasheet HTML 8Page - NXP Semiconductors P2041PB Datasheet HTML 9Page - NXP Semiconductors P2041PB Datasheet HTML 10Page - NXP Semiconductors P2041PB Datasheet HTML 11Page - NXP Semiconductors P2041PB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
P2041 QorIQ Communications Processor Product Brief, Rev. 0
P2041 Features
Freescale Semiconductor
8
applications processing. It also simplifies consolidation of functions previously spread across multiple
discrete processors onto a single device.
3.4
Benefits of the Data Path Acceleration Architecture
While the four Power Architecture cores offer a major leap in available processor performance in many
throughput-intensive, packet-processing networking applications, raw processing power is not enough to
achieve multi-Gbps data rates. To address this, the P2041 uses Freescale’s DPAA (see Section 3.11,
“Data Path Acceleration Architecture (DPAA)”), which significantly reduces data plane instructions per
packet, enabling more CPU cycles to work on value-added services rather than repetitive low-level tasks.
Combined with specialized accelerators for cryptography and pattern matching, the P2041 allows the
user’s software to perform complex packet processing at high data rates.
3.5
P2041 Critical Performance Parameters
Table 1 lists key performance indicators that define a set of values used to measure P2041 operation.
3.6
e500mc Core and Cache Memory Complex
The P2041 offers four high-performance, 32-bit e500mc cores based on the Power Architecture from
Power ISA 2.06. Like previous e500 cores, each e500mc is a superscalar dual issue processor, supporting
out-of-order execution and in-order completion.
3.6.1
e500mc Features
Key features of the e500mc include the following:
•
Up to 1.5 GHz core clock speed
•
36 bit physical addressing
•
64 TLB SuperPages
Table 1. P2041 Critical Performance Parameters
Indicator
Values(s)
Top speed bin e500mc
core frequency
1.5 GHz
Maximum memory data
rates
1.33 GHz (DDR3/3L)1
• 1.5-V for DDR3
• 1.35-V for DDR3L
Notes:
1 Conforms to JEDEC standard
Local bus
• 3.3 V
• 2.5 V
•1.8 V
Operating junction
temperature range
0–105 C with the option for –40 to 105 C
Package
780-pin FC-PBGA (flip-chip plastic ball grid array)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com