| Electronic Components Datasheet Search |
|
P2041PB Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P2041PB Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 31 page ![]() P2041 QorIQ Communications Processor Product Brief, Rev. 0 Freescale Semiconductor 11 3.8.1 DDR Memory Controller The P2041 DDR memory controllers have the following functionalities: • Supports DDR3/3L SDRAM. The P2041 supports chip-select interleaving within a controller. • The P2041 can be configured to retain the currently active SDRAM page for pipelined burst accesses. Page mode support of up to 32 simultaneously open pages can dramatically reduce access latencies for page hits. Depending on the memory system design and timing parameters, page mode can save up to 10 memory clock cycles for subsequent burst accesses that hit in an active page. • Using ECC, the P2041 detects and corrects all single-bit errors and detects all double-bit errors and all errors within a nibble. • Upon detection of a loss of power signal from external logic, the DDR controllers can put compliant DDR SDRAM DIMMs into self-refresh mode, allowing systems to implement battery-backed main memory protection. • Supports initialization bypass feature for use by system designers to prevent re-initialization of main memory during system power-on after an abnormal shutdown. • Supports active zeroization of system memory upon detection of a user-defined security violation. 3.8.2 PreBoot Loader (PBL) and Nonvolatile Memory Interfaces The PreBoot Loader (PBL) is a new logic module that operates similarly to an I2C boot sequencer but on behalf of a larger number of interfaces. The PBL’s functions include the following: • Simplifies boot operations, replacing pin strapping resistors with configuration data loaded from nonvolatile memory. • Uses the configuration data to initialize other system logic and to copy data from low speed memory interfaces (I2C, eLBC, SPI, and SD/MMC) into fully initialized DDR or the 1-Mbyte front-side cache. • Releases CPU 0 from reset, allowing the boot processes to begin from fast system memory. The nonvolatile memory interfaces accessible by the PBL are as follows: • The eLBC may be accessed by software running on the CPUs following boot; it is not dedicated to the PBL. It also can be used for both volatile (SRAM) and nonvolatile memory as well as a control and low-performance data port for external memory-mapped devices. See Section 3.8.2.1, “Enhanced Local Bus Controllers (eLBC).” • The serial memory controllers may be accessed by software running on the CPUs following boot; they are not dedicated to the PBL. See Section 3.8.2.2, “Serial Memory Controllers.” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |