Electronic Components Datasheet Search
  English  ▼

X  

P2041PB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P2041PB
Description  P2041 QorIQ Communications Processor Product Brief
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P2041PB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P2041PB Datasheet HTML 8Page - NXP Semiconductors P2041PB Datasheet HTML 9Page - NXP Semiconductors P2041PB Datasheet HTML 10Page - NXP Semiconductors P2041PB Datasheet HTML 11Page - NXP Semiconductors P2041PB Datasheet HTML 12Page - NXP Semiconductors P2041PB Datasheet HTML 13Page - NXP Semiconductors P2041PB Datasheet HTML 14Page - NXP Semiconductors P2041PB Datasheet HTML 15Page - NXP Semiconductors P2041PB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
P2041 QorIQ Communications Processor Product Brief, Rev. 0
P2041 Features
Freescale Semiconductor
12
3.8.2.1
Enhanced Local Bus Controllers (eLBC)
The enhanced local bus controller (eLBC) port connects to a variety of external memories, DSPs, and
ASICs.
Key features of the eLBC include the following:
•
Multiplexed 32-bit address and 16-bit data bus operating at up to 75 MHz
•
Four chip selects for four external slaves
•
Up to eight-beat burst transfers
•
8-, 16-bit port sizes controlled by an internal memory controller
•
Three protocol engines on a per-chip-select basis
•
Parity support
•
Default boot ROM chip select with configurable bus width (8-, 16-bit)
•
Support for parallel NAND and NOR flash
Three separate state machines share the same external pins and can be programmed separately to access
different types of devices. Some examples are as follows:
•
The general-purpose chip-select machine (GPCM) controls accesses to asynchronous devices
using a simple handshake protocol.
•
The user-programmable machine (UPM) can be programmed to interface to synchronous devices
or custom ASIC interfaces.
•
The NAND flash control machine (FCM) further extends interface options.
•
Each chip select can be configured so that the associated chip interface is controlled by the GPCM,
UPM, or FCM controller.
All controllers can be enabled simultaneously. The eLBC internally arbitrates among the controllers,
allowing each to read or write a limited amount of data before allowing another controller to use the bus.
3.8.2.2
Serial Memory Controllers
In addition to the parallel NAND and NOR Flash supported by means of the eLBC, the P2041 supports
serial flash using SPI and SD/MMC card interfaces. The SD/MMC controller includes a DMA engine,
allowing it to move data from serial flash to external or internal memory following straightforward
initiation by software.
3.9
Universal Serial Bus (USB) 2.0
The two USB 2.0 controllers with integrated PHY provide point-to-point connectivity complying with the
USB specification, Rev. 2.0. Each USB controller can be configured to operate as a stand-alone host, and
USB #2 can be configured as a stand-alone device, or with both host and device functions operating
simultaneously.
Key features of the USB 2.0 controller include the following:
•
Complies with USB specification, Rev. 2.0
•
Supports high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com