Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 163 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 163 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 159Page - Microsemi Corporation VSC7511 Datasheet HTML 160Page - Microsemi Corporation VSC7511 Datasheet HTML 161Page - Microsemi Corporation VSC7511 Datasheet HTML 162Page - Microsemi Corporation VSC7511 Datasheet HTML 163Page - Microsemi Corporation VSC7511 Datasheet HTML 164Page - Microsemi Corporation VSC7511 Datasheet HTML 165Page - Microsemi Corporation VSC7511 Datasheet HTML 166Page - Microsemi Corporation VSC7511 Datasheet HTML 167Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
148
The device contains a frame generation engine that can periodically transmit frames on a port with a
programmable transmission period. The transmission period can be as low as 200 ns, which implies
wire-speed back-to-back transmissions, or as high as several minutes. Up to 1024 periodic
transmissions can coexist with up to eight different transmission periods.
To set up a periodic transmission, the CPU must inject a setup frame using the following settings in the
injection header:
•
REW_VAL set to the selected transmission slot (0 through 1023).
•
ACL_ID set to the selected timer (1 through 8). The transmission period is programmed in steps of
198.2 ns in TFRM_TIMER_CFG_x, where x = ACL_ID. Note that injecting a frame with ACL_ID > 0
effectively enables the periodic transmissions. To inject a normal frame, ACL_ID must be set to 0.
•
BYPASS set to 1.
•
DEST set to the Tx port to which the periodic transmission applies. Only one Tx port per
transmission is possible.
•
Other fields in the injection header are applicable the same way as for normal injections. Note, that
the periodic transmissions are subject to normal rewriter operations before being transmitted on the
Tx port. For more information, see Rewriter, page 133.
After the injection, the setup frame is placed into the selected transmission slot and it is periodically
transmitted using the transmission period defined by the selected timer. Every time the transmission
period has passed since the last transmission, the frame is scheduled for a new transmission on the
associated port. The periodic frame transmission takes precedence over other transmissions on the port,
and as a consequence the frame is transmitted immediately after a potential ongoing transmission has
ended.
If multiple periodic transmissions on a Tx port use the same timer, multiple frames are scheduled for
transmission at the same time when the period has passed. By default, these frames are transmitted in a
burst, back-to-back. However, it is also possible to space-out these frames over time and thereby
allowing the normal data traffic to be interleaved the periodic transmissions. If the spacing is enabled
(TFRM_PORT_DLY), timer 8 defines the period between frames in the burst.
Periodic transmissions are cancelled again by programming the slot number in
TFRM_MISC.TIMED_CANCEL_SLOT and setting TFRM_MISC.TIMED_CANCEL_1SHOT. This
removes the injected frame from the transmission slot.
Transmission slots 0 through 15 support any transmission periods including back-to-back transmissions
while slots 16 through 1023 support transmission periods larger than 30 µs.
Frames transmitted from the frame generation engine are counted by the Tx counters just like normal
frames using the QoS class specified in the injection header by the setup frame.
3.15
VRAP Engine
The Versatile Register Access Protocol (VRAP) engine allows external equipment to access registers in
the device through any of the Ethernet port’s on the device. The VRAP engine interprets incoming VRAP
requests, and executes read, write, and read-modify-write commands contained in the frames. The
results of the register accesses are reported back to the transmitter through automatically generated
VRAP response frames.
The device supports version 1 of VRAP. All VRAP frames, both requests and responses, are standard
Ethernet frames. All VRAP protocol fields are big-endian formatted.
The registers listed in the following table control the VRAP engine.
Table 119 •
VRAP Registers
Target:Register_group:Register.field
Description
Replication
ANA:CPU_FWD_CFG:CPU_VRAP_REDIR_ENA Enable redirection of VRAP frames
to CPU.
Per port
ANA:CPUQ_CFG2:CPUQ_VRAP
Configure the CPU extraction queue
for VRAP frames.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com