Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 174 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 174 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 170Page - Microsemi Corporation VSC7511 Datasheet HTML 171Page - Microsemi Corporation VSC7511 Datasheet HTML 172Page - Microsemi Corporation VSC7511 Datasheet HTML 173Page - Microsemi Corporation VSC7511 Datasheet HTML 174Page - Microsemi Corporation VSC7511 Datasheet HTML 175Page - Microsemi Corporation VSC7511 Datasheet HTML 176Page - Microsemi Corporation VSC7511 Datasheet HTML 177Page - Microsemi Corporation VSC7511 Datasheet HTML 178Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
159
4
VCore-Ie System and CPU Interfaces
This section provides information about the functional aspects of blocks and interfaces related to the
VCore-Ie on-chip microprocessor system and an external CPU system.
The device contains a fast VCore-Ie CPU system that is based on an embedded 8051-compatible
microprocessor and a high bandwidth Ethernet Frame DMA engine. The VCore-Ie system can control the
device independently, or it can support an external CPU, relieving the external CPU of the otherwise time
consuming tasks of transferring frames, maintaining the switch core, and handling networking protocols.
When the VCore-Ie CPU is enabled, it either automatically boots up from serial Flash or an external CPU
can manually load a code-image to the device and then start the VCore-Ie CPU.
An external CPU can be connected to the device through the PCIe interface, serial interface (SI),
dedicated MIIM slave interface, or through Versatile Register Access Protocol (VRAP) formatted
Ethernet frames using the NPI Ethernet port.
The following illustration shows the VCore-Ie block diagram.
Figure 55 •
VCore-Ie System Block Diagram
4.1
VCore-Ie Configurations
The behavior of the VCore-Ie system after a reset is determined by four VCore strapping pins that are
overlaid on GPIO pins. The value of these GPIOs is sampled shortly after releasing reset to the device.
For more information about the strapping pins, see Pin Strapping, page 157.
Switch Core
Register Bus
Access/Arbiter
Switch Core Register Bus (CSR)
Switch Core
Registers
VCore SBA
Access Block
VCore Shared Bus
Access/Arbiter
VCore Shared Bus (SBA)
GPIO I/O
Controller
MIIM
Masters × 2
Temperature
Sensor
Fan
Controller
SGPIO I/O
Controller
Two-Wire Serial
Interface
UART × 2
Interrupt
Controller
SI Flash Boot
Master(1)
Timers × 3
PCIe Inbound(2)
PCIe
Outbound
VRAP
(Register access
through Ethernet)
Switch Core
Access Block
VCore CPU
MIIM Slave
SI Slave(1)
Frame DMA
(FDMA)
Manual Frame
Inject/Extract
1. When the Vcore-III CPU boots up from the SI Flash, the SI is reserved as boot interface and cannot be used by an external CPU.
2. Inbound PCIe access to BAR0 maps to VCore register space (interrupt controller, timers, two-wire serial master/slave, UARTs, and
manual frame injection/extraction). Switch core access block is not reachable via PCIe inbound accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com