Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 173 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 173 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 169Page - Microsemi Corporation VSC7511 Datasheet HTML 170Page - Microsemi Corporation VSC7511 Datasheet HTML 171Page - Microsemi Corporation VSC7511 Datasheet HTML 172Page - Microsemi Corporation VSC7511 Datasheet HTML 173Page - Microsemi Corporation VSC7511 Datasheet HTML 174Page - Microsemi Corporation VSC7511 Datasheet HTML 175Page - Microsemi Corporation VSC7511 Datasheet HTML 176Page - Microsemi Corporation VSC7511 Datasheet HTML 177Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
158
reset is released, the strapping pins are used for other functions. For more information about which GPIO
pins are used for strapping, see GPIO Overlaid Functions, page 204.
By using resistors to pull the GPIOs either low or high, software can use these GPIO pins for other
functions after reset has been released. For more information about overlaid functions on the GPIOs, see
GPIO Overlaid Functions, page 204.
Undefined configurations are reserved and cannot be used. VCore-III configurations that enable a front
port or the PCIe endpoint drive VCore_CFG[3:2] high when the front port or PCIe endpoint is ready to
use.
Table 128 •
Strapping
Pin
Description
REFCLK_CONF[2:0]
Configuration of reference clock frequency for PLL.
000: 125 MHz
001: 156.25 MHz
010: 250 MHz
100: 25 MHz
Other values are reserved and must not be used.
VCORE_CFG[3:0]
Configuration of VCore system startup conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com