Electronic Components Datasheet Search
  English  ▼

X  

LTC1875 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1875
Description  15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1875 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1875 Datasheet HTML 10Page - Linear Technology LTC1875 Datasheet HTML 11Page - Linear Technology LTC1875 Datasheet HTML 12Page - Linear Technology LTC1875 Datasheet HTML 13Page - Linear Technology LTC1875 Datasheet HTML 14Page - Linear Technology LTC1875 Datasheet HTML 15Page - Linear Technology LTC1875 Datasheet HTML 16Page - Linear Technology LTC1875 Datasheet HTML 17Page - Linear Technology LTC1875 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1875
1875f
To avoid the LTC1875 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. Normally,
some iterative calculation is required to determine a rea-
sonably accurate value. The temperature rise is given by:
TR = P • θJA
where P is the power dissipated by the regulator and
θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature is given by:
TJ = TA + TR
where TA is the ambient temperature. Because the power
transistor RDS(ON) is a function of temperature, it is
usually necessary to iterate 2 to 3 times through the
equations to achieve a reasonably accurate value for the
junction temperature.
As an example, consider the LTC1875 in dropout at an
input voltage of 3V, a load current of 0.8A and an ambient
temperature of 70
°C. From the typical performance graph
of switch resistance, the RDS(ON) of the P-channel switch
at 70
°C is 0.35Ω. Therefore, power dissipated by the IC is:
P = I2 • RDS(ON) = 0.224W
For the SSOP package, the
θJA is 110°C/W. Thus the
junction temperature of the regulator is:
TJ = 70°C + (0.224)(110) = 95°C
However, at this temperature, the RDS(ON)is actually 0.4Ω.
Therefore:
TJ = 70°C + (0.256)(140) = 98°C
which is below the maximum junction temperature of
125
°C.
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance (RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (
∆ILOAD • ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT, generating a feedback error signal. The
regulator loop then acts to return VOUT to its steady-state
value. During this recovery time, VOUT can be monitored
for overshoot or ringing that would indicate a stability
problem. The ITH pin can be used for external compensa-
tion as shown in Figure 9. (The capacitor, CC2, is typically
needed for noise decoupling.)
A second, more severe transient is caused by switching in
loads with large (> 1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately (25 • CLOAD).
Thus, a 10
µF capacitor charging to 3.3V would require a
250
µs rise time, limiting the charging current to about
130mA.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com