Electronic Components Datasheet Search
  English  ▼

X  

LTC1875 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1875
Description  15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1875 Datasheet(HTML) 4 Page - Linear Technology

  LTC1875 Datasheet HTML 1Page - Linear Technology LTC1875 Datasheet HTML 2Page - Linear Technology LTC1875 Datasheet HTML 3Page - Linear Technology LTC1875 Datasheet HTML 4Page - Linear Technology LTC1875 Datasheet HTML 5Page - Linear Technology LTC1875 Datasheet HTML 6Page - Linear Technology LTC1875 Datasheet HTML 7Page - Linear Technology LTC1875 Datasheet HTML 8Page - Linear Technology LTC1875 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1875
1875f
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (mA)
0
500
1000
1500
2000
1875 G07
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
Burst Mode OPERATION
VIN = 3.6V
L = 4.7
µH
Output Voltage vs Load Current
Load Step (Burst Mode Operation)
VOUT
100mV/DIV
IL
1A/DIV
ITH
1V/DIV
50
µs/DIV
1875 G08
VIN = 3.6V
CIN = 22µF
VOUT = 1.5V
COUT = 47µF
L = 6.8
µHILOAD = 200mA to 1700mA
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1875 G13
805
804
803
802
801
800
799
798
797
796
795
VIN = 6V
OUTPUT CURRENT (mA)
95
90
85
80
75
70
65
60
55
50
0.1
10
100
1875 G14
1
1000
VIN = 6V
VIN = 4.2V
VIN = 3V
VIN = 3.6V
VOUT = 1.8V
L = 4.7
µH
Burst Mode OPERATION
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1875 G15
1
1000
VIN = 3.6V
VOUT = 1.8V
L = 4.7
µH
Burst Mode OPERATION
PULSE SKIPPING MODE
VIN = 4.2V
VIN = 3.6V
VIN = 4.2V
INPUT VOLTAGE (V)
100
95
90
85
80
75
70
65
60
55
50
2
1875 G16
3
4
5
6
VOUT = 2.5V
L = 6.8
µH
Burst Mode OPERATION
100mA
1mA
0.1mA
10mA
Reference Voltage vs
Temperature
Efficiency vs Output Current
Efficiency vs Input Voltage
Efficiency vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com