Electronic Components Datasheet Search
  English  ▼

X  

LTC1875 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1875
Description  15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1875 Datasheet(HTML) 2 Page - Linear Technology

  LTC1875 Datasheet HTML 1Page - Linear Technology LTC1875 Datasheet HTML 2Page - Linear Technology LTC1875 Datasheet HTML 3Page - Linear Technology LTC1875 Datasheet HTML 4Page - Linear Technology LTC1875 Datasheet HTML 5Page - Linear Technology LTC1875 Datasheet HTML 6Page - Linear Technology LTC1875 Datasheet HTML 7Page - Linear Technology LTC1875 Datasheet HTML 8Page - Linear Technology LTC1875 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1875
1875f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
(Note 4)
q
860
nA
VFB
Regulated Output Voltage
(Note 4) 0
°C ≤ TA ≤ 85°C
0.784
0.80
0.816
V
(Note 4) – 40
°C ≤ TA ≤ 85°C
q
0.740
0.80
0.840
V
∆VOVL
Overvoltage Trip Limit with Respect to VFB
∆VOVL = VOVL – VFB
q
20
60
110
mV
∆VUVL
Undervoltage Trip Limit with Respect to VFB ∆VUVL = VFB – VUVL
q
20
60
110
mV
∆VFB/VFB
Reference Voltage Line Regulation
VIN = 2.65V to 6V (Note 4)
0.05
0.25
%/V
VLOADREG
Output Voltage Load Regulation
Measured in Servo Loop, VITH = 0.9V to 1.2V
q
0.1
0.6
%
Measured in Servo Loop, VITH = 1.6V to 1.2V
q
– 0.1
– 0.6
%
VIN
Input Voltage Range
q
2.65
6
V
IQ
Input DC Bias Current
(Note 5)
Pulse Skipping Mode
2.65V < VIN < 6V, VSYNC/MODE = 0V, IOUT = 0A
270
365
µA
Burst Mode Operation
VSYNC/MODE = VIN, IOUT = 0A
15
22
µA
Shutdown
VRUN = 0V, VIN = 6V
0
1
µA
fSYNC
SYNC Capture Range
350
750
kHz
fOSC
Oscillator Frequency
VFB ≥ 0.7V
495
550
605
kHz
VFB = 0V
80
kHz
IPLLLPF
Phase Detector Output Current
Sinking Capability
fPLLIN < fOSC
q
3
10
20
µA
Sourcing Capability
fPPLIN > fSOC
q
–3
– 10
– 20
µA
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA, VIN = 5V
0.28
0.35
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = – 100mA, VIN = 5V
0.35
0.4
Ω
IPK
Peak Inductor Current
VFB = 0.7V, Duty Cycle < 35%, VIN = 3V
1.6
2.15
2.75
A
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 6V, VIN = 6V
±0.01
±2.5
µA
VSYNC/MODE SYNC/MODE Threshold
q
0.2
1.0
1.5
V
ISYNC/MODE
SYNC/MODE Leakage Current
±0.01
±1
µA
(Note 1)
ORDER PART
NUMBER
LTC1875EGN
TJMAX = 125°C, θJA = 110°C/ W, θJC = 40°C/ W
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
Input Supply Voltage .................................. – 0.3V to 7V
ITH, PLL_LPF Voltages ............................. –0.3V to 2.7V
RUN/SS, VFB Voltages ............................... – 0.3V to VIN
SYNC/MODE Voltage ................................. – 0.3V to VIN
(VPVIN – VSWP) Voltage............................... – 0.3V to 7V
VSWN Voltage .............................................. – 0.3V to 7V
P-Channel Switch Source Current (DC) .................... 2A
N-Channel Switch Sink Current (DC) ........................ 2A
Peak Switching Sink and Source Current ................. 3A
Operating Ambient Temperature Range
(Note 2) ............................................. – 40
°C to 85°C
Junction Temperature (Note 3, 6) ........................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SGND
RUN/SS
VFB
ITH
SWP1
SWN1
PGND1
PVIN1
PLL_LPF
SYNC/MODE
PGOOD
SVIN
SWP2
SWN2
PGND2
PVIN2
GN PART
MARKING
1875
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com