Electronic Components Datasheet Search
  English  ▼

X  

LTC1875 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1875
Description  15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1875 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1875 Datasheet HTML 12Page - Linear Technology LTC1875 Datasheet HTML 13Page - Linear Technology LTC1875 Datasheet HTML 14Page - Linear Technology LTC1875 Datasheet HTML 15Page - Linear Technology LTC1875 Datasheet HTML 16Page - Linear Technology LTC1875 Datasheet HTML 17Page - Linear Technology LTC1875 Datasheet HTML 18Page - Linear Technology LTC1875 Datasheet HTML 19Page - Linear Technology LTC1875 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1875
1875f
5
12
6
11
3
1
1875 TA02
SWP
SWP
SWN
SWN
VFB
ITH
RC
150k
PLL_LPF
RUN/SS
PGOOD
SGND
8
9
PVIN
PVIN
7
10
PGND
PGND
SYNC/MODE
RSVIN
10
Ω
LTC1875
L1
4.7
µH
VOUT*
1.8V/1.5A
VIN 3V TO 4.2V
GND
CIN1
10
µF
COUT
47
µF
15
13
14
2
16
4
SVIN
CSVIN
0.1
µF
CC1
47pF
BOLD LINES INDICATE HIGH CURRENT PATHS
CC2
220pF
CIN1, CIN2: TAIYO YUDEN CERAMIC JMK316BJ106ML
COUT: TDK CERAMIC C4532X5R0J476M
L1: TOKO A921CY-4R7M
*1.5A IS THE MAXIMUM OUTPUT CURRENT
RSS
1M
RPG
100k
CSS
0.1
µF
POWER
GOOD
CIN2
10
µF
R1 523k
R2
412k
TYPICAL APPLICATIO
Single Li-Ion to 1.8V/1.5A Regulator Using All Ceramic Capacitors
Efficiency vs Output Current
OUPUT CURRENT (mA)
100
90
80
70
60
50
40
0.1
10
100
1875 TA02a
1
1000
VOUT = 1.8V
L = 4.7
µH
VIN = 4.2V
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com