Electronic Components Datasheet Search
  English  ▼

X  

LTC1875 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1875
Description  15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1875 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1875 Datasheet HTML 2Page - Linear Technology LTC1875 Datasheet HTML 3Page - Linear Technology LTC1875 Datasheet HTML 4Page - Linear Technology LTC1875 Datasheet HTML 5Page - Linear Technology LTC1875 Datasheet HTML 6Page - Linear Technology LTC1875 Datasheet HTML 7Page - Linear Technology LTC1875 Datasheet HTML 8Page - Linear Technology LTC1875 Datasheet HTML 9Page - Linear Technology LTC1875 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1875
1875f
PI FU CTIO S
SGND (Pin 1): Signal Ground Pin.
RUN/SS (Pin 2): Combination of Soft-Start and Run
Control Inputs. Forcing this pin below 0.7V shuts down the
device. In shutdown all functions are disabled and device
draws zero supply current. For the proper operation of the
part, force this pin above 2.5V. Do not leave this pin
floating. Soft-start can be accomplished by raising the
voltage on this pin gradually with an RC circuit.
VFB (Pin 3): Feedback Pin. Receives the feedback voltage
from an external resistor divider across the output.
ITH (Pin 4): Error Amplifier Compensation Point. The
current output increases with this control voltage. Nomi-
nal voltage range for this pin is 0.5V to 1.8V.
SWP1, SWP2 (Pins 5, 12): Upper Switch Nodes. These
pins connect to the drains of the internal main PMOS
switches and should always be connected together
externally.
SWN1, SWN2 (Pins 6, 11): Lower Switch Nodes. These
pins connect to the drains of the internal synchronous
NMOS switches and should always be connected together
externally.
PGND1, PGND2 (Pins 7, 10): Power Ground Pins. Ground
pins for the internal drivers and switches. These pins
should always be tied together.
PVIN1, PVIN2 (Pins 8, 9): Power Supply Pins for the
Internal Drivers and Switches. These pins should always
be tied together.
SVIN (Pin 13): Signal Power Supply Pin.
PGOOD (Pin 14): Power Good Indicator Pin. Power good
is an open-drain logic output. The PGOOD pin is pulled to
ground when the voltage on the VFB pin is not within
±7.5% of its nominally regulated potential. This pin re-
quires a pull-up resistor for power good indication. Power
good indication works in all modes of operation.
SYNC/MODE (Pin 15): External Clock Synchronization
and Mode Select Input. To synchronize, apply an external
clock with a frequency between 350kHz and 750kHz. To
select Burst Mode operation, tie pin to SVIN. Grounding
this pin selects pulse skipping mode. Do not leave this pin
floating.
PLL_LPF (Pin 16): Output of the Phase Detector and
Control Input of Oscillator. Connect a series RC lowpass
network from this pin to ground if externally synchronized.
If unused, this pin may be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com