Electronic Components Datasheet Search
  English  ▼

X  

LP28303A Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28303A
Description  2.5A Synchronous Buck Li-ion Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28303A Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP28303A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 7Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP28303A-00
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP28303A
The resistor values of R1 and R2 are calculated by
the following equations:
For NTC Thermistors:
(
)
(
)
(
)
(
)
(
)
For PTC Thermistors:
(
)
(
)
(
)
(
)
(
)
K1(VNTC1)=45%, K2(VNTC2)=80%.
Where RTL is the low temperature resistance and RTH
is the high temperature resistance of thermistor, as
specified by the thermistor manufacturer. R1 or R2
can be omitted if only one temperature (low or high)
setting is required. Applying a voltage between the
VNTC1 and VNTC2 thresholds to pin NTC disables the
temperature-sensing feature.
Layout Considerations
Switch rise and fall times are kept under 5ns for
maximum efficiency. To minimize radiation, the SW
pin and input bypass capacitor leads (between VIN
and GND) should be kept as short as possible. A
ground plane should be used under the switching
circuitry to prevent inter plane coupling. The Exposed
Pad must be connected to the ground plane for
proper power dissipation. The other paths contain
only DC and/or 600KHz tri-wave ripple current and
are less critical. With the exception of the input and
output filter capacitors (which should be connected to
GND) all other components that return to ground
should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com