Electronic Components Datasheet Search
  English  ▼

X  

LP28303A Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28303A
Description  2.5A Synchronous Buck Li-ion Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28303A Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28303A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 7Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LP28303A-00
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 8
Preliminary Datasheet
LP28303A
Absolute Maximum Ratings
Note 1
VIN pin to GND ------------------------------------------------------------------------------------------------------------ 7V
VBAT pin to GND ---------------------------------------------------------------------------------------------------------- 7V
Other pin to GND ---------------------------------------------------------------------------------------------------------- 7V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -20℃ to 85℃
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------- 260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (ESOP8, PD, TA=25℃) ----------------------------------------------------------- 2W
Thermal Resistance (ESOP8, θJA) ----------------------------------------------------------------------------- 50℃/W
Recommended Operating Conditions
Ambient Temperature Range --------------------------------------------------------------------------- -20℃ to 85℃
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com