Electronic Components Datasheet Search
  English  ▼

X  

LP28303A Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28303A
Description  2.5A Synchronous Buck Li-ion Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28303A Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28303A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 7Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP28303A-00
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP28303A
2.5A Synchronous Buck Li-ion Charger
General Description
The LP28303A is a 2.5A Li-Ion battery charger. It
utilizes a 600KHz synchronous buck converter
topology to reduce power dissipation during charging.
Low power dissipation and internal MOSFET allow a
physically small charger that can be embedded in a
wide range of handheld applications. The LP28303A
includes complete charge termination circuitry,
automatic recharge and ±1% 4.2V float voltage.
Battery
charge
current,
charge
timeout
and
end-of-charge indication parameters are set with
external components. Additional features include
shorted cell detection; temperature qualified charging
and overvoltage protection. The LP28303A is available
in a low profile ESOP8&TDFN-10 and package.
Order Information
LP28303A
F: Pb-Free
Package Type
SP: ESOP-8
QV: TDFN-10
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
Handheld Battery-Powered Devices
Handheld Computers
Charging Docks and Cradles
Features
Input voltage range 4.5V~5.5V
Dynamic input current allocation for maximum
charging rate
2.5A Maximum Charge Current
No External MOSFETs and Blocking Diode
Required
Efficiency up to 90%
Constant-Current/Constant-Voltage
Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Optional Battery Temperature Monitoring Before
and During Charge Automatic Sleep Mode for
Low-Power
Over Current Protection
Consumption Available in ESOP8 &
TDFN-10 3*3mm
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
SW
6
CS
5
BAT
4
AGND
7
VIN
8
CHRG
1
FULL
2
NTC
3
PGND
9
VIN
VBAT
CIN
22uF
R1
2KΩ
LED1
LED2
R4
10KΩ
L
4.7uH
R2
2KΩ
R3
10KΩ
RCS
25mΩ
CBAT
22uF
Marking Information
Device
Marking
Package
Shipping
LP28303ASPF
LP28303AQVF
LPS
LP28303A
YWX
ESOP8
TDFN10
4K/REEL
5K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP28303A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
LP28301QVF POWER-LP28301QVF Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
More results

Similar Description - LP28303A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
4.5A Synchronous Buck Li-ion Charger
HM5082 HMSEMI-HM5082 Datasheet
1Mb / 9P
3A Synchronous Buck 2 Cells Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com