Electronic Components Datasheet Search
  English  ▼

X  

LP28303A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28303A
Description  2.5A Synchronous Buck Li-ion Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28303A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28303A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 7Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP28303A-00
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP28303A
Functional Pin Description
Package Type
ESOP8
TDFN-10
Pin
Configurations
1
2
3
4
8
7
6
5
CHRG
FULL
NTC
VBAT
VIN
AGND
SW
CS
PGND
9(PAD)
ESOP-8
(Top View)
1
2
3
4
10
9
8
7
AGND
PGND
VIN
CHRG
SW
SW
CS
BAT
TDFN-10
TOP VIEW
5
6
FULL
NTC
PGND
Pin Description
Pin No.
Name
Description
ESOP8 TDFN-10
1
4
CHRG
Open-Drain charge status output. When the battery is charging, this pin is pulled low
by an internal N-channel MOSFET.
2
5
FULL
Open-Drain charge status output. When charging is complete, this pin is pulled low
by an internal N-channel MOSFET.
3
6
NTC
Negative Temperature Coefficient Thermistor Input. This pin senses the
temperature of the battery pack and stops the charger when the temperature is out
of range. Connect to GND for disabling this function.
4
7
VBAT Battery pin.
5
8
CS
Current Sense pin.
6
9/10
SW
Switch pin. Connect to external inductor.
7
1
AGND Analog (signal) Ground
8
3
VIN
Positive Supply Voltage Input. Decouple with a 10µF or larger surface mounted
ceramic capacitor.
9(PAD)
2
PGND Power Ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com