Electronic Components Datasheet Search
  English  ▼

X  

LP28303A Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28303A
Description  2.5A Synchronous Buck Li-ion Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28303A Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28303A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 7Page - Lowpower Semiconductor inc LP28303A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LP28303A-00
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 8
Preliminary Datasheet
LP28303A
Application Information
LP28303A is a 2.5A synchronous buck Li-Ion battery
charger integrates 600KHz switching frequency and
full protection functions. The charge current up to
2.5A can be programmed by using the external
resistor for different portable applications and
indicates
the
charger
current
information
simultaneous.
In constant current mode, the charge current is set
by the external sense resistor RCS and an internal
50mV reference;
IBAT=Vcs/RCS=50mV/RCS
When
the
battery
voltage
approaches
the
programmed float voltage, the charge current will
start to decrease. When the current drops to 10% of
the full-scale charge current, an internal comparator
turns off charging is terminated
Shutdown
The LP28303A can be shut-down by pulling the NTC
pin to VIN. When the NTC pin is released, the
internal timer is reset and a new charge cycle starts.
In shutdown, the output of the CHRG pin is high
impedance. Removing the input power supply will put
the charger into sleep mode. If the voltage at the VIN
pin drops below (VBAT+200mV) or below the UVLO
level, the LP28303A goes into a low current sleep
mode, reducing the battery drain current.
Input Source Qualification
After REG amplifier powers up, the LP28303A
checks the current capability of the input source. The
input source has to meet the VIN>4.3V to enable the
chip.
Automatic Recharge
Once the charge cycle is terminated, the LP28303A
continuously monitors the voltage on the BAT pin
using a comparator with a 1.8ms filter time
(t
RECHARGE). A charge cycle restarts when the battery
voltage falls below 4.05V (which corresponds to
approximately 80% to 90% battery capacity). This
ensures that the battery is kept at or near a fully
charged condition and eliminates the need for
periodic charge cycle initiations.
Inductor Selection
Operating frequency was chosen for the buck
switcher in order to minimize the size of the inductor.
However, take care to use inductors with low core
loss at this frequency. To calculate the inductor ripple
current:
Battery Temperature Detection
The LP28303A continuously monitors temperature
by measuring the voltage between the NTC and
GND pins. A negative or a positive temperature
coefficient thermistor (NTC, PTC) and an external
voltage divider typically develop this voltage. The
LP28303A compares this voltage against its internal
VNTC1 and VNTC2 thresholds to determine if charging
is allowed. The temperature sensing circuit is
immune to any fluctuation in VIN, since both the
external voltage divider and the internal thresholds
(VNTC1 and VNTC2) are referenced to VIN.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com