Electronic Components Datasheet Search
  English  ▼

X  

TLP290 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP290
Description  Programmable Controllers AC/DC-Input Module Hybrid ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP290 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP290 Datasheet HTML 1Page - Toshiba Semiconductor TLP290 Datasheet HTML 2Page - Toshiba Semiconductor TLP290 Datasheet HTML 3Page - Toshiba Semiconductor TLP290 Datasheet HTML 4Page - Toshiba Semiconductor TLP290 Datasheet HTML 5Page - Toshiba Semiconductor TLP290 Datasheet HTML 6Page - Toshiba Semiconductor TLP290 Datasheet HTML 7Page - Toshiba Semiconductor TLP290 Datasheet HTML 8Page - Toshiba Semiconductor TLP290 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP290(SE
3
2019-05-20
© 2019
Toshiba Electronic Devices & Storage Corporation
Electrical Characteristics (Unless otherwise specified, Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Input forward voltage
VF
IF = ±10 mA
1.1
1.25
1.4
V
Input capacitance
CT
V = 0 V, f = 1 MHz
-
60
-
pF
Collector-emitter breakdown voltage
V(BR) CEO
IC = 0.5 mA
80
-
-
V
Emitter-collector breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
-
-
V
Dark current
ICEO
VCE = 48 V,
-
0.01
0.08
μA
VCE = 48 V, Ta = 85 °C
-
2
50
μA
Collector-emitter capacitance
CCE
V = 0 V, f = 1 MHz
-
10
-
pF
Coupled Electrical Characteristics (Unless otherwise specified, Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn
Typ.
Max
Unit
Current transfer ratio
IC / IF
IF = ±5 mA,
VCE = 5 V
Rank GB
50
-
600
%
100
-
600
Saturated CTR
IC / I
F (sat)
IF = ±1 mA,
VCE = 0.4 V
Rank GB
-
60
-
%
30
-
-
Collector-emitter
saturation voltage
VCE (sat)
IC = 2.4 mA, IF = ±8 mA
-
-
0.
3
V
IC = 0.2 mA, IF = ±1 mA
Rank GB
-
0.2
-
-
-
0.
3
Off-state collector current
I
C(off)
VF = ± 0.7 V, VCE = 48 V
-
-
10
μA
Collector current ratio
I
C (ratio)
IC (IF = -
5 mA) / IC (IF = 5 mA)
(Fig.1)
0.33
-
3
-
Fig.1: Collector current ratio test circuit
5V)
CE
V
,
F1
I
F
(I
C1
I
5V)
CE
V
,
F2
I
F
(I
C2
I
C(ratio)
I
=
=
=
=
=
VCE
IC1
IC2
IF1
IF2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com