Electronic Components Datasheet Search
  English  ▼

X  

TLP290 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP290
Description  Programmable Controllers AC/DC-Input Module Hybrid ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP290 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP290 Datasheet HTML 1Page - Toshiba Semiconductor TLP290 Datasheet HTML 2Page - Toshiba Semiconductor TLP290 Datasheet HTML 3Page - Toshiba Semiconductor TLP290 Datasheet HTML 4Page - Toshiba Semiconductor TLP290 Datasheet HTML 5Page - Toshiba Semiconductor TLP290 Datasheet HTML 6Page - Toshiba Semiconductor TLP290 Datasheet HTML 7Page - Toshiba Semiconductor TLP290 Datasheet HTML 8Page - Toshiba Semiconductor TLP290 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLP290(SE
4
2019-05-20
© 2019
Toshiba Electronic Devices & Storage Corporation
Isolation Characteristics (Unless otherwise specified, Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Total capacitance (input to output
)
CS
VS = 0V, f = 1 MHz
-
0.8
-
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60 %
1×10
12
10
14
-
Ω
Isolation voltage
BVS
AC, 60 s
3750
-
-
Vrms
Switching Characteristics (Unless otherwise specified, Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Rise time
tr
VCC = 10 V, IC = 2 mA
RL = 100
Ω
-
2
-
μs
Fall time
tf
-
3
-
Turn-on time
ton
-
3
-
Turn-off time
toff
-
3
-
Turn-on time
ton
RL = 1.9 k
Ω
(Fig.2
)
VCC = 5 V, IF = ±16 mA
-
0.5
-
μs
Storage time
ts
-
30
-
Turn-off time
toff
-
50
-
(Fig. 2
): Switching time test circuit
VCE
VCC
RL
IF
IF
VCE
VCC
0.5V
4.5V
toff
ton
tS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com