Electronic Components Datasheet Search
  English  ▼

X  

TLP290 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP290
Description  Programmable Controllers AC/DC-Input Module Hybrid ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP290 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP290 Datasheet HTML 1Page - Toshiba Semiconductor TLP290 Datasheet HTML 2Page - Toshiba Semiconductor TLP290 Datasheet HTML 3Page - Toshiba Semiconductor TLP290 Datasheet HTML 4Page - Toshiba Semiconductor TLP290 Datasheet HTML 5Page - Toshiba Semiconductor TLP290 Datasheet HTML 6Page - Toshiba Semiconductor TLP290 Datasheet HTML 7Page - Toshiba Semiconductor TLP290 Datasheet HTML 8Page - Toshiba Semiconductor TLP290 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLP290(SE
5
2019-05-20
© 2019
Toshiba Electronic Devices & Storage Corporation
I F - Ta
P C - Ta
Ambient temperature
Ta (˚C)
Ambient temperature
Ta (˚C)
I FP - D R
I F - V F
Duty cycle ratio
DR
Input forward voltage VF (V)
∆ V F / ∆ Ta - I F
I F P – V F P
Input forward current
IF
(mA)
Input forward voltage (pulsed) V
FP
(V)
Pules width
≤100μs
Ta=25˚C
10
100
1000
10000
10-3
10-2
10-1
100
Pulse width
≤10μs
Repetitive frequency=100Hz
Ta=25°C
This curve shows the
maximum limit to the input
forward current.
This curve shows the maximum
limit to the collector power
dissipation.
This curve shows the
maximum limit to the input
forward current (pulsed).
11
0˚C
85
˚C
50
˚C
25
˚C
0
˚C
-25
˚C
-55
˚C
NOTE: The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com