Electronic Components Datasheet Search
  English  ▼

X  

TLP290 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP290
Description  Programmable Controllers AC/DC-Input Module Hybrid ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP290 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP290 Datasheet HTML 1Page - Toshiba Semiconductor TLP290 Datasheet HTML 2Page - Toshiba Semiconductor TLP290 Datasheet HTML 3Page - Toshiba Semiconductor TLP290 Datasheet HTML 4Page - Toshiba Semiconductor TLP290 Datasheet HTML 5Page - Toshiba Semiconductor TLP290 Datasheet HTML 6Page - Toshiba Semiconductor TLP290 Datasheet HTML 7Page - Toshiba Semiconductor TLP290 Datasheet HTML 8Page - Toshiba Semiconductor TLP290 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP290(SE
1
2019-05-20
© 2019
Toshiba Electronic Devices & Storage Corporation
TOSHIBA Photocoupler
IRED & Photo
-Transistor
TLP290(SE
Programmable Controllers
AC/DC
-Input Module
Hybrid ICs
TLP290(SE consist of photo transistor, optically coupled to two infrared
emitting diode connected inverse parallel, and can operate directly by AC
input current.
The TLP290(SE is housed in the very small and thin SO4 package.
Since TLP290(SE are guaranteed wide operating temperature (Ta=-55 to 110
˚C) and high isolation voltage (3750Vrms), it’s suitable for high-density
surface mounting applications such as programmable controllers and hybrid
ICs.
• Collector-Emitter voltage
: 80 V (min)
• Current transfer ratio
: 50% (min)
Rank GB
:
100% (min)
• Isolation voltage
:
3750 Vrms (min)
• Guaranteed performance over : -55 to 110
˚C
• UL-recognized
: UL
1577, File No.E67349
• cUL-recognized
: CSA Component Acceptance Service No.5A,
File No.E
67349
•
VDE-approved
: EN
60747-5-5, EN 62368-1 (Note 1)
• CQC-approved
: GB4943.1, GB8898 Japan and Thailand Factory
Note 1 : When a
VDE approved type is needed,
please designate the Option (V4).
Construction Mechanical Rating
Creepage distance: 5.0 mm
(min)
Clearance: 5.0 mm
(min)
Insulation thickness: 0.4 mm
(min)
TOSHIBA
11-
3C1
Weight: 0.05 g
(typ.)
3
2
4
1
TLP290
1: Anode
Cathode
2: Cathode
Anode
3: Emitter
4: Collector
Pin Configuration
Unit: mm
Start of commercial production
2012-02


Similar Part No. - TLP290

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP290-4 TOSHIBA-TLP290-4 Datasheet
409Kb / 13P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results

Similar Description - TLP290

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
25-Sep-2002
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
Programmable Controllers AC/DC-Input Module
TLP570 TOSHIBA-TLP570_07 Datasheet
635Kb / 8P
Programmable Controllers AC / DC−Input Module
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
Programmable Controllers AC/DC?묲nput Module Hybrid ICs
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com