Electronic Components Datasheet Search
  English  ▼

X  

DP100 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP100
Description  Epoxy Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP100 Datasheet(HTML) 4 Page - 3M Electronics

  DP100 Datasheet HTML 1Page - 3M Electronics DP100 Datasheet HTML 2Page - 3M Electronics DP100 Datasheet HTML 3Page - 3M Electronics DP100 Datasheet HTML 4Page - 3M Electronics DP100 Datasheet HTML 5Page - 3M Electronics DP100 Datasheet HTML 6Page - 3M Electronics DP100 Datasheet HTML 7Page - 3M Electronics DP100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP-100 Clear • DP-100 NS Translucent
- 4 -
Surface Preparation
For optimum strength structural bonds, paint, oxide films, oils, dust, mold release
agents and all other surface contaminants must be completely removed. However, the
amount of surface preparation directly depends on the required bond strength and the
environmental aging resistance desired by the user.
The following cleaning methods are suggested for common surfaces:
Steel:
1. Wipe free of dust with oil-free solvent such as acetone or isopropyl alcohol.*
2. Sandblast or abrade using clean fine grit abrasives.
3. Wipe again with solvent to remove loose particles.
4. If a primer is used, it should be applied within 4 hours after surface preparation.
Aluminum:
1. Vapor Degrease: Perchlorethylene condensing vapors for 5-10 minutes.
2. Alkaline Degrease: Oakite 164 solution (9-11 oz./gallon water) at 88°C ± 5°C
(190°F ± 10°F) for 10-20 minutes. Rinse immediately in large quantities of cold
running water.
3. Acid Etch: Place panels in the following solution for 10 minutes at 66°C ± 2°C
(150°F ± 5°F).
Sodium Dichromate
4.1 - 4.9 oz./gallon
Sulfuric Acid, 66°Be
38.5 - 41.5 oz./gallon
2024-T3 aluminum (dissolved)
0.2 oz./gallon minimum
Tap Water as needed to balance
4. Rinse: Rinse panels in clear running tap water.
5. Dry: Air dry 15 minutes and force dry 10 minutes at 66°C ± 5°C (150°F ± 10°F).
6. If primer is to be used, it should be applied within 4 hours after surface preparation.
Plastics/Rubber:
1. Wipe with isopropyl alcohol.*
2. Abrade using fine grit abrasives.
3. Wipe with isopropyl alcohol.*
*Note: When using solvents, extinguish all ignition sources and follow the
manufacturer’s precautions and directions for use.
Application Equipment
Suggestions
For small or intermittent applications the 3M™ Scotch-Weld™ EPX Applicator is a
convenient method of application.
For larger applications these adhesives may be applied by use of flow equipment.
Two-part meter/mixing/dispensing equipment is available for intermittent or
production line use. These systems may be desirable because of their variable shot
size and flow rate characteristics and are adaptable tomany applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com