Electronic Components Datasheet Search
  English  ▼

X  

DP100 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP100
Description  Epoxy Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP100 Datasheet(HTML) 5 Page - 3M Electronics

  DP100 Datasheet HTML 1Page - 3M Electronics DP100 Datasheet HTML 2Page - 3M Electronics DP100 Datasheet HTML 3Page - 3M Electronics DP100 Datasheet HTML 4Page - 3M Electronics DP100 Datasheet HTML 5Page - 3M Electronics DP100 Datasheet HTML 6Page - 3M Electronics DP100 Datasheet HTML 7Page - 3M Electronics DP100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP-100 Clear • DP-100 NS Translucent
- 5 -
Typical Adhesive
Performance
Characteristics
Note: The following product performance data was obtained in the 3M laboratory
under the conditions specified. The following data shows typical results obtained
with 3M™ Scotch-Weld™ Epoxy Adhesives DP-100 and DP-100 NS when applied
to properly prepared substrates, cured for 7 days at 23°C (73°F) under 2 psi cure
pressure, and tested according to the test methods indicated.
The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
A. Overlap Shear
Overlap shear (OLS) strengths were measured on 1 in. wide 1/2 in. overlap
specimens. These bonds were made individually using 1 in. x 4 in. pieces of
substrate except for aluminum. Two panels 0.063 in. thick, 4 in. x 7 in. of 2024 T-3
clad aluminum were bonded and cut into 1 in. wide samples after 24 hours. The
thickness of the bond line was 0.005 - 0.008 in. All strengths were measured at
23°C (73°F) except where noted. (Tests per ASTM D 1002-72.)
The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in.
per minute for plastics and 20 in. per minute for rubbers. The thickness of the
substrates were: steel, 0.060 in., other metals, 0.05-0.064 in.; rubbers, 0.125 in.;
plastics, 0.125 in.
B. T-peel
T-peel strengths were measured on 1 in. wide bonds at 23°C (73°F). The testing
jaw separation rate was 20 inches per minute. The substrates were 0.032 in. thick.
(Tests per ASTM D 1876-61T.)
C. Cure Cycle
With the exception of Rate of Strength Build-Up Tests, all bonds werecured
7 days at 23°C (73°F)/50% RH before testing or subjected to further conditioning
or environmental aging.
Etched Aluminum, Overlap Shear, at temperature (psi)
Test Temp. °C (°F)
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
-53°C (-67°F)
900
900
23°C (73°F)
1500
1500
82°C (180°F) (15 min.)1
300
300
1Represents time in test chamber oven before test.
Metals, Overlap Shear, Tested @ 23°C (73°F) (psi)
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
Aluminum-
Etched
1500
1500
MEK/abrade/MEK
950
570
Cold Rolled Steel-
MEK/abrade/MEK
1000
890
Copper-
MEK/abrade/MEK
950
1140
Brass-
MEK/abrade/MEK
700
500
Stainless Steel-
MEK/abrade/MEK
750
840
Galvanized Steel-
MEK/abrade/MEK
900
1080



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com