Electronic Components Datasheet Search
  English  ▼

X  

DP100 Datasheet(PDF) 7 Page - 3M Electronics

Part # DP100
Description  Epoxy Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP100 Datasheet(HTML) 7 Page - 3M Electronics

  DP100 Datasheet HTML 1Page - 3M Electronics DP100 Datasheet HTML 2Page - 3M Electronics DP100 Datasheet HTML 3Page - 3M Electronics DP100 Datasheet HTML 4Page - 3M Electronics DP100 Datasheet HTML 5Page - 3M Electronics DP100 Datasheet HTML 6Page - 3M Electronics DP100 Datasheet HTML 7Page - 3M Electronics DP100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP-100 Clear • DP-100 NS Translucent
- 7 -
Typical Adhesive
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
(continued)
Environmental Resistance
Aluminum (Etched)
Measured by Overlap Shear tested 23°C (73°F) psi1
Environment
Condition
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
23°C (73°F)/50% RH
Water Vapour
30 days
160°F/100 RH, 3 days
1500
1500
1500
1500
Solvent Resistance:10
(Visual check after immersion in specified solvent at 23°C [73°F]).
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
1 Hour
1 Month
1 Hour
1 Month
Acetone
A
A
A
A
Isopropyl Alcohol
A
B
A
B
Freon TF
A
A
A
A
Freon TMC
A
A
A
A
1, 1, 1-Trichlorethane
A
B
A
B
RMA Flux
A
A
A
A
Key:
A - Unaffected;
B - Slight Attack;
C - Moderate/Severe Attack
1. Viscosity determined using 3M test method C-1d. Procedure involves Brookfield RVF, #6 spindle, 20 rpm and 27°C (80°F).
(100 Clear) and #6 spindle, 4 rpm and 27°C (80°F) (100 NS). Measurement taken after 1 minute.
10. Solvent resistance was determined using cured (24 hrs RT + 2 hrs 71°C [160°F]) samples (1/2 in. x 4 in. x 1/8 in. thickness)
immersed in the test solvent for 1 hour and 1 month. After the allowed period of time, the sample was removed and visually
examined for surface attack as compared to the control.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com