Electronic Components Datasheet Search
  English  ▼

X  

DP100 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP100
Description  Epoxy Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP100 Datasheet(HTML) 1 Page - 3M Electronics

  DP100 Datasheet HTML 1Page - 3M Electronics DP100 Datasheet HTML 2Page - 3M Electronics DP100 Datasheet HTML 3Page - 3M Electronics DP100 Datasheet HTML 4Page - 3M Electronics DP100 Datasheet HTML 5Page - 3M Electronics DP100 Datasheet HTML 6Page - 3M Electronics DP100 Datasheet HTML 7Page - 3M Electronics DP100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Scotch-Weld
TM
Epoxy Adhesives
DP-100 Clear • DP-100 NS Translucent
Product Description
3M™ Scotch-Weld™ Epoxy Adhesives DP-100 and DP-100NS are two-part
adhesives offering fast cure and machinability.
Available in larger containers like 3M™ Scotch-Weld™ Epoxy Adhesives 100 B/A
or 100 NS B/A.
Features
• Easy mixing
• High Flow (Scotch-Weld DP-100 Clear)
• Non-Sag (Scotch-Weld DP-100 NS Translucent)
• Fast Cure
• Scotch-Weld DP-100 meets UL 94 HB
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
Viscosity1
Base
8,000-15,000 cps
90,000-150,000 cps
@ 23°C (73°F)
Accelerator
9,000-16,000 cps
50,000-85,000 cps
Base Resin
Epoxy
Epoxy
Colour
Clear/Lt. Amber4
Translucent4
Net Weight
Base
9.5-9.9
9.6-10.0
(Lbs./Gallon)
Accelerator
9.2-9.6
9.2-9.6
Mix Ratio (B:A)
Volume
1 : 1
1: 1
Weight
1 : 0.98
1 : 0.96
Worklife2
@ 23°C (73°F)
10 g mixed
5 minutes
5 minutes (Gel time3)
1. Viscosity determined using 3M test method C-1d. Procedure involves Brookfield RVF, #6 spindle, 20 rpm and 27°C (80°F).
(100 Clear) and #6 spindle, 4 rpm and 27°C (80°F) (100 NS). Measurement taken after 1 minute.
2. Worklife determined using 3M test method C-548. Procedure involves periodically measuring a 10 gram mixed mass for
spreading and wetting properties. This time approximates the usable worklife in an EPX applicator nozzle.
3. Gel time determined using 3M test method C-554. Procedure involves periodically checking a 10 gram mixed mass for
flowing properties.
4. Colour may vary from nearly white to yellow/amber. Adhesive performance is not affected by colour variation.
Technical Data
February, 2016


Similar Part No. - DP100

ManufacturerPart #DatasheetDescription
logo
AUK corp
DP100 AUK-DP100 Datasheet
83Kb / 3P
PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
DP100 KODENSHI-DP100 Datasheet
89Kb / 3P
Extremely low collector-to-emitter saturation voltage
logo
MTU Onsite Energy Corpo...
DP1000D6S_POWER_MODULE MTU-DP1000D6S_POWER_MODULE Datasheet
139Kb / 4P
DIESEL POWER MODULE
logo
Power-One
DP1001-7R POWER-ONE-DP1001-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
AUK corp
DP100S AUK-DP100S Datasheet
47Kb / 3P
PNP Silicon Transistor
More results

Similar Description - DP100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
Adhesives
logo
3M Electronics
DP-820 3M-DP-820 Datasheet
32Kb / 8P
Acrylic Adhesives
using
TL62-50 3M-TL62-50 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
DP125 3M-DP125 Datasheet
228Kb / 7P
Scotch-WeldTM Epoxy Adhesives
Mar 2019
DP190 3M-DP190 Datasheet
631Kb / 7P
Scotch-WeldTM Epoxy Adhesives
February, 2016
DP3501 3M-DP3501 Datasheet
286Kb / 6P
3M Scotch-WeldTM Epoxy Adhesives
Mar-2015
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
Oct-2018
EC-3501 3M-EC-3501 Datasheet
328Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesives
Dec-2020
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
S1125-KIT-8 TEC-S1125-KIT-8 Datasheet
299Kb / 6P
Epoxy Adhesives, Dual Pack, Packaging Quantity 1, Heat Resistance Temperature (Max) 150 °C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com