Electronic Components Datasheet Search
  English  ▼

X  

DP100 Datasheet(PDF) 6 Page - 3M Electronics

Part # DP100
Description  Epoxy Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP100 Datasheet(HTML) 6 Page - 3M Electronics

  DP100 Datasheet HTML 1Page - 3M Electronics DP100 Datasheet HTML 2Page - 3M Electronics DP100 Datasheet HTML 3Page - 3M Electronics DP100 Datasheet HTML 4Page - 3M Electronics DP100 Datasheet HTML 5Page - 3M Electronics DP100 Datasheet HTML 6Page - 3M Electronics DP100 Datasheet HTML 7Page - 3M Electronics DP100 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP-100 Clear • DP-100 NS Translucent
- 6 -
Typical Adhesive
Performance
Characteristics
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Aluminum, T-peel (piw), tested @ 23°C (73°F) (psi)
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
Aluminum etched
17-20 mil bondline
5-8 mil bondline
2
2
2
2
Cold Rolled Steel
17-20 mil bondline
MEK/abrade/MEK
2
2
Other Substrates, Overlap Shear tested @ 23°C (73°F) (psi)
All cleaned by alcohol wipe, abrade, alcohol wipe.
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
ABS
490
180
PVC
330
240
Polycarbonate
250
120
Polyacrylic
100
150
FRP
950
680
SBR/Steel
125
230
Neoprene/Steel
140
60
Nitrile/Steel
140
90
Note: The data shown here was generated using the 3M™ Scotch-Weld™ EPX
Applicator System equipped with an EPX static mixer according to
manufacturer’s directions. Thorough hand mixing will afford comparable results.
Rate of Strength Build-Up
Aluminum, Overlap Shear (7 mil Bondline) (psi)
Bonds Tested at 23°C (73°F)
Time
3M™ Scotch-Weld™ Epoxy Adhesive
DP-100 Clear
DP-100 NS Translucent
10 minutes
20 minutes
0
400
200
220
Compression Strength (ASTM D 695-68T)
3M™ Scotch-Weld™ DP-100 Clear Adhesive
8400 psi @ 23°C (73°F)
3M™ Scotch-Weld™ DP-100 NS Translucent Adhesive
8400 psi @ 23°C (73°F)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com