Electronic Components Datasheet Search
  English  ▼

X  

AS7000 Datasheet(PDF) 58 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 58 Page - ams AG

Back Button AS7000 Datasheet HTML 54Page - ams AG AS7000 Datasheet HTML 55Page - ams AG AS7000 Datasheet HTML 56Page - ams AG AS7000 Datasheet HTML 57Page - ams AG AS7000 Datasheet HTML 58Page - ams AG AS7000 Datasheet HTML 59Page - ams AG AS7000 Datasheet HTML 60Page - ams AG AS7000 Datasheet HTML 61Page - ams AG AS7000 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
15:12
adc_clock
7
RW
ADC clock divider: The ADC clock is freely configurable.
Note that values other than 4MHz, 2MHz, 1MHz and
500kHz will make the resulting timing very confusing for
the human observer.
Setting
Periods
ns
kHz
02
125
8000
14
250
4000
26
375
2666
38
500
2000
410
625
1600
512
750
1333
614
875
1142
716
1000
1000
818
1125
888
920
1250
800
10
22
1375
727
11
24
1500
666
12
26
1625
615
13
28
1750
571
14
30
1875
533
15
32
2000
500
11
adc_calibration
0
RW
To activate self calibration, this bit must be asserted, and
an ADC “conversion” has to be started in manual mode
(man_mode=1) by asserting seq_start. It is suggested to
let the CPU sleep and wait for the ADC interrupt. Also, a
slow ADC clock should be used.
10
adc_interleave
0
RW
Interleave mode
9adc_en
0
RW
0...Reset ADC
1...Enable ADC
Warning: In reset state the ADC clears its calibration data.
Re-calibration is necessary next time it is enabled again.
0xa4: AFE_ADC_CFG
Field
Name
Rst
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com