Electronic Components Datasheet Search
  English  ▼

X  

AS7000 Datasheet(PDF) 61 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 61 Page - ams AG

Back Button AS7000 Datasheet HTML 57Page - ams AG AS7000 Datasheet HTML 58Page - ams AG AS7000 Datasheet HTML 59Page - ams AG AS7000 Datasheet HTML 60Page - ams AG AS7000 Datasheet HTML 61Page - ams AG AS7000 Datasheet HTML 62Page - ams AG AS7000 Datasheet HTML 63Page - ams AG AS7000 Datasheet HTML 64Page - ams AG AS7000 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
ams Datasheet
Page 61
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Power Management and Operating Modes
After the supply (VDD) is asserted the AS7000 automatically
starts up. It is up to the application software into which
operating mode the AS7000 is changed (e.g. to power down
mode).
The AS7000 can operate in following modes:
Figure 71:
AS7000 Operating Modes
Note(s):
1. Wakeup by GPIO7=high if gpio7_wakeup_en=1; applies for power down and deep sleep mode.
2. Wakeup by GPIO8=low if gpio8_wakeup_en=1.
3. In power down mode the AS7000 will always wakeup if GPIO8=low independent of previous setting of gpio8_wakeup_en.
Mode
Internal
LDO (V_
LDO)
512Hz
Oscillator
16MHz
Oscillator
CPU
Wake Up CPU to
Active Mode By
Entered By
Active

Running
-
-
Sleep
mode

Idle
Any interrupt
(any timer, GPIO)
__WFI()
command of
CPU
Deep
sleep
mode

= reset;
registers
keep
content
512Hz sleep_counter,
GPIO7(1) and GPIO8(2)
Use ams SDK
for entering
deep sleep
Power
down

= reset;
registers
are reset
GPIO7(1) and GPIO8(3)
enter_
powerdown=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com