Electronic Components Datasheet Search
  English  ▼

X  

AS7000 Datasheet(PDF) 75 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 75 Page - ams AG

Back Button AS7000 Datasheet HTML 71Page - ams AG AS7000 Datasheet HTML 72Page - ams AG AS7000 Datasheet HTML 73Page - ams AG AS7000 Datasheet HTML 74Page - ams AG AS7000 Datasheet HTML 75Page - ams AG AS7000 Datasheet HTML 76Page - ams AG AS7000 Datasheet HTML 77Page - ams AG AS7000 Datasheet HTML 78Page - ams AG AS7000 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
ams Datasheet
Page 75
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Sequential Read is the extended form of Random Read, as more
than one register-data bytes are transferred subsequently. In
difference to the Random Read, for a sequential read the
transferred register-data bytes are responded by an
acknowledge from the master. The number of data bytes
transferred in one sequence is unlimited (consider the behavior
of the word-address counter). To terminate the transmission the
master has to send a not-acknowledge following the last data
byte and generate the STOP condition subsequently.
Figure 96:
I²C Current Address Read
I²C Current Address Read: Shows the format of an I²C current address read access.
To keep the access time as small as possible, this format allows
a read access without the word address transfer in advance to
the data transfer. The bus is idle and the master issues a START
condition followed by the Device-Read address. Analogous to
Random Read, a single byte transfer is terminated with a
not-acknowledge after the 1st register byte. Analogous to
Sequential Read an unlimited number of data bytes can be
transferred, where the data bytes has to be responded with an
acknowledge from the master. For termination of the
transmission the master sends a not-acknowledge following
the last data byte and a subsequent STOP condition.
S
DW
A
WA
A
N
A
read register
WA++
data
Sr
DR
P
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com