Electronic Components Datasheet Search
  English  ▼

X  

AS7000 Datasheet(PDF) 66 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 66 Page - ams AG

Back Button AS7000 Datasheet HTML 62Page - ams AG AS7000 Datasheet HTML 63Page - ams AG AS7000 Datasheet HTML 64Page - ams AG AS7000 Datasheet HTML 65Page - ams AG AS7000 Datasheet HTML 66Page - ams AG AS7000 Datasheet HTML 67Page - ams AG AS7000 Datasheet HTML 68Page - ams AG AS7000 Datasheet HTML 69Page - ams AG AS7000 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
Page 66
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
Figure 84:
CCU_LP_CFG
The CCU_LP registers controls the low power modes
Figure 85:
CCU_LP_CTRL
Note(s):
1. Only use ams SDK to enter deep sleep mode, do not set bit directly.
0x60: CCU_LP_CFG
Field
Name
Rst
Type
Description
15:0
sleep_counter
0
RW
When going into low power sleep, this the sleep counter
start value in slow clock ticks. As soon as it reaches zero,
the CPU will wake up (if the register was written with a non
zero value)
16
gpio7_wakeup_
en
0RW
If asserted, setting GPIO7 to high can wake up the chip as
well (from both sleep and powerdown)
17
gpio8_wakeup_
en
0RW
If asserted, setting GPIO8 to low can wake up the chip from
deep sleep (GPIO8=low always wakes up from
powerdown)
0x64: CCU_LP_CTRL
Field
Name
Rst
Type
Description
0
enter_sleep
0
W
Writing a 1 here makes the system enter deep sleep mode
(wakeup by counter reaching zero) (1)
1
enter_
powerdown
0W
Writing a 1 here makes the system enter power down
mode (wakeup by GPIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com