Electronic Components Datasheet Search
  English  ▼

X  

AS7000 Datasheet(PDF) 28 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 28 Page - ams AG

Back Button AS7000 Datasheet HTML 24Page - ams AG AS7000 Datasheet HTML 25Page - ams AG AS7000 Datasheet HTML 26Page - ams AG AS7000 Datasheet HTML 27Page - ams AG AS7000 Datasheet HTML 28Page - ams AG AS7000 Datasheet HTML 29Page - ams AG AS7000 Datasheet HTML 30Page - ams AG AS7000 Datasheet HTML 31Page - ams AG AS7000 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
Figure 26:
Block Diagram of Sequencer
Sequencer
Synchronous Demodulator control
pd1
pd2
pd3
pd4
pdi_1
pdi_0
pd_ampcap
pd_ampres
pdoffx
pd_amp_en
*
ADC
gain_byp
sd_byp
Synchronous Demodulator
TIA
Gain Stage
hp_byp
High Pass Filter
sd_bw
aa_freq
200Hz
sd_en
hp_freq
hp_en
gain_g
gain_en
+1
Q
Q
SET
CL R
S
R
seq_led_start
seq_led_stop
led_x_mode
x=1...4
Q
Q
SET
CL R
S
R
seq_itg_start
seq_itg_stop
clk
clk
Q
Q
SET
CL R
S
R
seq_sdp_start
seq_sdp_stop
clk
Q
Q
SET
CL R
S
R
seq_sdm1_start
seq_sdm1_stop
clk
Q
Q
SET
CL R
S
R
seq_sdm2_start
seq_sdm2_stop
clk
-1
clk
clk*16
+
z
-1
seq_adc_inc
seq_adc
+
z
-1
seq_adc_frac_inc
seq_adc_frac
div
sd_subs
div
seq_div
1µs
clk
Counter
0...seq_period-1
Run / Stop
Logic
seq_count
cycles
seq_start
Run/Reset
init
init
register
diode_ctrl
+1 -1
ADC control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com