Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA32E5 Datasheet(PDF) 36 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 36 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 32Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 33Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 34Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 35Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 36Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 37Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 38Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 39Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 36
ATxmega32E5/16E5/8E5
16. I/O Ports
16.1 Features
26 general purpose input and output pins with individual configuration
Output driver with configurable driver and pull settings:
Totem-pole
Wired-AND
Wired-OR
Bus-keeper
Inverted I/O
Input with asynchronous sensing with interrupts and events
Sense both edges
Sense rising edges
Sense falling edges
Sense low level
Optional pull-up and pull-down resistor on input and Wired-OR/AND configurations
Optional slew rate control per I/O port
Asynchronous pin change sensing that can wake the device from all sleep modes
One port interrupt with pin masking per I/O port
Efficient and safe access to port pins
Hardware read-modify-write through dedicated toggle/clear/set registers
Configuration of multiple pins in a single operation
Mapping of port registers into bit-accessible I/O memory space
Peripheral clocks output on port pin
Real-time counter clock output to port pin
Event channels can be output on port pin
Remapping of digital peripheral pin functions
Selectable USART and timer/counters input/output pin locations
Selectable Analog Comparator output pin locations
16.2 Overview
One port consists of up to eight pins ranging from pin 0 to 7. Each port pin can be configured as input or output with config-
urable driver and pull settings. They also implement asynchronous input sensing with interrupt and events for selectable
pin change conditions.
Asynchronous pin-change sensing means that a pin change can wake the device from all sleep modes, including the
modes where no clocks are running.
All functions are individual and configurable per pin, but several pins can be configured in a single operation. The pins have
hardware read-modify-write (RMW) functionality for safe and correct change of drive value and/or pull resistor configura-
tion. The direction of one port pin can be changed without unintentionally changing the direction of any other pin.
The port pin configuration also controls input and output selection of other device functions. It is possible to have both the
peripheral clock and the real-time clock output to a port pin, and available for external use. The same applies to events
from the event system that can be used to synchronize and control external functions. Other digital peripherals, such as
USART, timer/counters, and analog comparator output can be remapped to selectable pin locations in order to optimize
pin-out versus application needs.
The notations of the ports are PORTA, PORTC, PORTD, and PORTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com