Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA32E5 Datasheet(PDF) 59 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 59 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 55Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 56Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 57Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 58Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 59Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 60Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 61Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 62Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 59
ATxmega32E5/16E5/8E5
29. DAC – Digital to Analog Converter
29.1 Features
One Digital to Analog Converter (DAC)
12-bit resolution
Two independent, continuous-drive output channels
Up to 1 million samples per second conversion rate per DAC channel
Built-in calibration that removes:
Offset error
Gain error
Multiple conversion trigger sources
On new available data
Events from the event system
Drive capabilities and support for
Resistive loads
Capacitive loads
Combined resistive and capacitive loads
Internal and external reference options
DAC output available as input to analog comparator and ADC
Low-power mode, with reduced drive strength
Optional EDMA transfer of data
29.2 Overview
The digital-to-analog converter (DAC) converts digital values to voltages. The DAC has two channels, each with 12-bit res-
olution, and is capable of converting up to one million samples per second (Msps) on each channel. The built-in calibration
system can remove offset and gain error when loaded with calibration values from software.
Figure 29-1. DAC Overview
A DAC conversion is automatically started when new data to be converted are available. Events from the event system can
also be used to trigger a conversion, and this enables synchronized and timed conversions between the DAC and other
peripherals, such as a timer/counter. The EDMA controller can be used to transfer data to the DAC.
The DAC is capable of driving both resistive and capacitive loads aswell as loads which combine both. A low-power mode
is available, which will reduce the drive strength of the output. Internal and external voltage references can be used. The
DAC output is also internally available for use as input to the analog comparator or ADC.
DAC0
DAC1
CTRLA
CH1DATA
CH0DATA
Trigger
Trigger
Internal Output
enable
Enable
Internal 1.00V
AREFA
Reference
selection
AVCC
Output
Driver
Output
Driver
D
A
T
A
Int.
driver
D
A
T
A
CTRLB
EDMA req
(Data Empty)
EDMA req
(Data Empty)
Select
12
12
Select
Enable
To
AC/ADC
AREFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com