Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA32E5 Datasheet(PDF) 82 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 82 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 78Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 79Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 80Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 81Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 82Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 83Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 84Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 85Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 82
ATxmega32E5/16E5/8E5
36.4 Wake-up Time from Sleep Modes
Table 36-5.
Device Wake-up Time from Sleep Modes with Various System Clock Sources
Notes:
1.
The wake-up time is the time from the wake-up request is given until the peripheral clock is available on pin, see Figure 36-2. All peripherals and modules start
execution from the first clock cycle, expect the CPU that is halted for four clock cycles before program execution starts.
Figure 36-2. Wake-up Time Definition
Symbol
Parameter
Condition
Min.
Typ.(1)
Max.
Units
twakeup
Wake-up time from
idle, standby, and
extended standby
mode
External 2MHz clock
0.2
µs
32kHz internal oscillator
120
8MHz internal oscillator
0.5
32MHz internal oscillator
0.2
Wake-up time from
power save mode
External 2MHz clock
4.5
32kHz internal oscillator
320
8MHz internal oscillator
Normal mode
4.5
Low power mode
0.5
32MHz internal oscillator
5.0
Wake-up time from
power down mode
External 2MHz clock
4.5
32kHz internal oscillator
320
8MHz internal oscillator
4.5
32MHz internal oscillator
5.0
Wakeup request
Clock output
Wakeup time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com