Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA32E5 Datasheet(PDF) 41 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 41 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 37Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 38Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 39Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 40Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 41Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 42Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 43Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 44Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 41
ATxmega32E5/16E5/8E5
There are two differences between timer/counter type 4 and type 5. Timer/counter 4 has four CC channels, and timer/coun-
ter 5 has two CC channels. Both timer/counter 4 and 5 can be set in 8-bit mode, allowing the application to double the
number of compare and capture channels that then get 8-bit resolution.
Some timer/counters have extensions that enable more specialized waveform generation. The waveform extension (WeX)
is intended for motor control, ballast, LED, H-bridge, power converters, and other types of power control applications. It
enables more customized waveform output distribution, and low- and high-side channel output with optional dead-time
insertion. It can also generate a synchronized bit pattern across the port pins. The high-resolution (hi-res) extension can
increase the waveform resolution by four or eight times by using an internal clock source four times faster than the periph-
eral clock. The fault extension (FAULT) enables fault protection for safe and deterministic handling, disabling and/or shut
down of external drivers.
A block diagram of the 16-bit timer/counter with extensions and closely related peripheral modules (in grey) is shown in Fig-
ure 17-1.
Figure 17-1. 16-bit Timer/counter and Closely Related Peripherals
PORTC has one timer/counter 4 and one timer/counter 5. PORTD has one timer/counter 5. Notation of these are TCC4
(timer/counter C4), TCC5, and TCD5, respectively.
Compare/Capture Channel D
Compare/Capture Channel C
Compare/Capture Channel B
Compare/Capture Channel A
Waveform
Generation
Buffer
Comparator
Capture
Control
Base Counter
Counter
Control Logic
Timer Period
Prescaler
Event
System
Timer/Counter
clkPER4
clkPER
WeX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com